Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B30 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT86B30
Description  Enhanced Voice 8-Bit MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B30 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT86B30 Datasheet HTML 1Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 2Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
Selection Table
The devices include a comprehensive range of features, with most features common to all devices. The main features
distinguishing them are Program Memory and Data Memory capacity, Voice ROM and Voice capacity, I/O count, stack
size and package types. The functional differences between the devices are shown in the following table.
Part No.
VDD
Program
Memory
Data
Memory
Voice
ROM
Voice
Capacity
I/O
Timer
C/R-F
Audio Output
Stack
Package
Types
8-bit
16-bit
DAC
PWM
HT86B03
2.2V~
5.5V
4K
´16
192
´8
96K
´8
36sec
12
3
¾¾
12-bit
¾
8
16NSOP, 24SSOP
(150/209mil)
HT86BR10
2.2V~
5.5V
8K
´16
192
´8
192K
´8
72sec
16
3
¾¾
12-bit
Ö
8
24SSOP(209mil),
28SOP, 44QFP
HT86B10
24SSOP
(150/209mil),
28SOP, 44QFP
HT86B20
2.2V~
5.5V
8K
´16
192
´8
256K
´8
96sec
16
3
¾¾
12-bit
Ö
8
28SOP, 44QFP
HT86BR30
2.2V~
5.5V
8K
´16
192
´8
384K
´8
144sec
16
3
¾¾
12-bit
Ö
8
28SOP, 44QFP
HT86B30
HT86B40
2.2V~
5.5V
8K
´16
384
´8
512K
´8
192sec
20
3
1
Ö
12-bit
Ö
8
28SOP, 44QFP
HT86B50
2.2V~
5.5V
8K
´16
384
´8
768K
´8
288sec
20
3
1
Ö
12-bit
Ö
8
28SOP, 44QFP
HT86BR60
2.2V~
5.5V
8K
´16
384
´8 1024K´8
384sec
20
3
1
Ö
12-bit
Ö
8
28SOP
HT86B60
28SOP, 44QFP
HT86B70
2.2V~
5.5V
8K
´16
384
´8 1536K´8
576sec
24
3
1
Ö
12-bit
Ö
8
44/100QFP
HT86B80
2.2V~
5.5V
8K
´16
384
´8 2048K´8
768sec
24
3
1
Ö
12-bit
Ö
8
44/100QFP
HT86B90
2.2V~
5.5V
8K
´16
384
´8 3072K´8 1152sec
24
3
1
Ö
12-bit
Ö
8
100QFP
Note: 1. For devices that exist in more than one package formats, the table reflects the situation for the larger
package.
2. For the HT86B90, the operating voltage is 2.2V~5.5V at fSYS=4MHz/3.3V~5.5V at fSYS=8MHz.
3. Voice length is estimated by 21K-bit data rate
Block Diagram
HT86BXX/HT86BRXX
Rev. 1.80
2
March 12, 2010
S t a c k
D / A
C o n v e r t e r s
R A M D a t a
M e m o r y
N o t e : " * " T h e H T 8 6 B 0 3 d o e s n o t c o n t a i n a P W M f u n c t i o n .
8 / 1 6 - b i t
T i m e r
W a t c h d o g
T i m e r
8 - b i t
R I S C
M C U
C o r e
W a t c h d o g
T i m e r O s c i l l a t o r
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
R C / C r y s t a l
O s c i l l a t o r
L o w
V o l t a g e
R e s e t
R O M P r o g r a m
M e m o r y
R C
O s c i l l a t i o n
A n a l o g
S w i t c h
P W M *
R O M D a t a
M e m o r y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com