Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14548E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14548E
Description  100Mbps, 16-Channel LLTs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14548E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14548E Datasheet HTML 1Page - Maxim Integrated Products MAX14548E Datasheet HTML 2Page - Maxim Integrated Products MAX14548E Datasheet HTML 3Page - Maxim Integrated Products MAX14548E Datasheet HTML 4Page - Maxim Integrated Products MAX14548E Datasheet HTML 5Page - Maxim Integrated Products MAX14548E Datasheet HTML 6Page - Maxim Integrated Products MAX14548E Datasheet HTML 7Page - Maxim Integrated Products MAX14548E Datasheet HTML 8Page - Maxim Integrated Products MAX14548E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
100Mbps, 16-Channel LLTs
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC, VL, EN, PF.......................................................-0.3V to +4V
I/O VCC_ ................................................... -0.3V to (VCC + 0.3V)
I/O VL_ ......................................................... -0.3V to (VL + 0.3V)
Short-Circuit Duration I/O VL_,
I/O VCC_ to GND....................................................Continuous
Continuous Power Dissipation (TA = +70NC)
40-Bump WLP (derate 17.2mW/NC above +70NC) ....1379mW
Junction-to-Ambient Thermal Resistance (BJA)
(Note 1) ........................................................................58NC/W
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -65NC to +150NC
Junction Temperature .....................................................+150NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VCC = +1.7V to +3.6V, VL = +1.1V to +3.6V, VCC > VL, EN = VL, CVCC = 1FF, CVL = 1FF, TA = -40NC to +85NC, unless otherwise
noted. Typical values are at VCC = +2.8V, VL = +1.8V and TA = +25NC.) (Notes 2, 3)
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VL Supply Range
VL
1.1
3.6
V
VCC Supply Range
VCC
1.7
3.6
V
Supply Current from VCC
IQVCC
I/O VCC_ = VCC, I/O VL_ = VL
40
F
A
Supply Current from VL
IQVL
I/O VCC_ = VCC, I/O VL_ = VL
20
F
A
VCC Shutdown Supply
Current
ISHDN-VCC
TA = +25NC, EN = GND, unconnected
I/O pins
0.1
1
F
A
VL Shutdown Mode Supply
Current
ISHDN-VL
TA = +25NC, EN = GND, unconnected
I/O pins
0.1
1
F
A
TA = +25NC, EN = VL, VCC = GND,
unconnected I/O pins
0.1
2
Dynamic Supply Current
ID
One I/O switching at
25MHz; all other I/O
connected to VCC or
VL; CLOAD = 0pF
MAX14548E
2.9
mA
MAX14548AE
2.6
I/O VCC_, I/O VL_ Three-State
Leakage Current
ILEAK
TA = +25NC, EN = GND
0.1
6
F
A
EN, PF Input Leakage Current
ILEAK_EN_PF
TA = +25NC
1
F
A
VL Shutdown Threshold
VTH_VL
0.3
V
VL - VCC Shutdown Threshold
High
VTH_H
VCC rising (VL = 3.6V) (Note 4)
0.05
0.3
0.65
V
VL - VCC Shutdown Threshold
Low
VTH_L
VCC falling (VL = 3.6V) (Note 4)
0.2
0.52
0.85
V
I/O VL_ Pullup Current
IVL_PU_
I/O VL_ = GND, I/O VCC_ = GND
10
125
F
A
I/O VCC_ Pullup Current
IVCC_PU_
I/O VCC_ = GND, I/O VL_ = GND
15
90
F
A
I/O VL_ to I/O VCC_ DC
Resistance
RIOVL_IOVCC
(Note 5)
3
kI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com