Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT203-2000 Datasheet(PDF) 3 Page - CUI INC

Part # AMT203-2000
Description  12 BIT ABSOLUTE ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT203-2000 Datasheet(HTML) 3 Page - CUI INC

  AMT203-2000 Datasheet HTML 1Page - CUI INC AMT203-2000 Datasheet HTML 2Page - CUI INC AMT203-2000 Datasheet HTML 3Page - CUI INC AMT203-2000 Datasheet HTML 4Page - CUI INC AMT203-2000 Datasheet HTML 5Page - CUI INC AMT203-2000 Datasheet HTML 6Page - CUI INC AMT203-2000 Datasheet HTML 7Page - CUI INC AMT203-2000 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
date
page
04/2010
3 of 8
Encoder Side
1.27 mm pitch
10 conductor
Dual Shielding Jacket
Round
BLACK
BLACK
BROWN
28 AWG
BROWN
(304.8mm)
1'
3"
Demo Board Side
3659-10-1FT-DMBD Demo Board Cable
(Cable available without Demo Board Connector)
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
PART NUMBER:
DESCRIPTION:
AMT203
12 BIT ABSOLUTE ENCODER
Connection to customer electronics
10 lead ribbon cable: Power (2); SPI (4); Quadrature (2); Index (1); Zero set (1)
Output lines can drive 20 mA.
#
color
function
1
black
T bit
2
white
IDX
3
grey
A or Count
4
purple
B or Udn
5
blue
MOSI
6
green
5V
7
yellow
SCK
8
orange Ground
9
red
MISO
10 brown
CSN
Tyco connector 1658621-1
Ground
CSN
B or UDN
5V
IDX
SCK
MISO
MOSI
A or Count
T bit
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com