Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB480K Datasheet(PDF) 1 Page - Rohm

Part # RB480K
Description  Shottky barrier diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB480K Datasheet(HTML) 1 Page - Rohm

  RB480K Datasheet HTML 1Page - Rohm RB480K Datasheet HTML 2Page - Rohm RB480K Datasheet HTML 3Page - Rohm RB480K Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RB480K
Diodes
Rev.C
1/3
Shottky barrier diode
RB480K
Applications
Dimensions
(Unit : mm)
Land size figure
(Unit : mm)
Low current rectification
Features
1) Ultra small mold type. (UMD4)
2) Low IR.
3) High reliability.
Construction
Structure
Silicon epitaxial planar
Taping dimensions
(Unit : mm)
Absolute maximum ratings
(Ta=25 C)
Electrical characteristics
(Ta=25 C)
Each lead has same dimension
Symbol
Unit
VRM
V
VR
V
Io
mA
IFSM
A
Tj
Tstg
Forward current surge peak 60Hz 1cyc *1
1
Junction temperature
Storage temperature
(*1) Rating of per diode
125
-40 to +125
Limits
40
100
Parameter
Reverse voltage (DC)
Average rectified forward current *1
Reverse voltage (repetitive peak)
45
Symbol
Min.
Typ.
Max.
Unit
VF1
-
-
0.45
V
IF=10mA
VF2
--
0.6
V
IF=100mA
IR1
--
1
μA
VR=10V
IR2
--
5
μA
VR=40V
Ct1
-
6
-
pF
VR=10V , f=1MHz
Ct2
-
-
25
pF
VR=0V
Conditions
Forward voltage
Parameter
Reverse current
Capacitance between terminals


Similar Part No. - RB480K

ManufacturerPart #DatasheetDescription
logo
Rohm
RB480K ROHM-RB480K Datasheet
59Kb / 2P
Shottky barrier diode
RB480K ROHM-RB480K Datasheet
205Kb / 4P
Shottky barrier diode
logo
Micro Commercial Compon...
RB480K MCC-RB480K Datasheet
667Kb / 7P
40 Volts Schottky Barrier Diode
logo
Shenzhen Jin Yu Semicon...
RB480K HTSEMI-RB480K Datasheet
1Mb / 2P
SCHOTTLKY BARRIER DIODE
logo
Rohm
RB480K ROHM-RB480K Datasheet
512Kb / 5P
Schottky Barrier Diode
More results

Similar Description - RB480K

ManufacturerPart #DatasheetDescription
logo
Rohm
RSX071VA-30 ROHM-RSX071VA-30 Datasheet
65Kb / 3P
Shottky barrier diode
logo
Nihon Inter Electronics...
TCH20A15 NIEC-TCH20A15 Datasheet
54Kb / 6P
Shottky Barrier Diode
logo
Rohm
RB451F_ ROHM-RB451F_ Datasheet
189Kb / 4P
Shottky barrier diode
RB480K ROHM-RB480K_1 Datasheet
205Kb / 4P
Shottky barrier diode
logo
Guangdong Kexin Industr...
RB715F KEXIN-RB715F Datasheet
42Kb / 1P
Shottky barrier diode
logo
Rohm
RSX051VA-30 ROHM-RSX051VA-30_1 Datasheet
143Kb / 4P
Shottky barrier diode
RB491DT146 ROHM-RB491DT146 Datasheet
344Kb / 4P
Shottky barrier diode
RB420DFH ROHM-RB420DFH Datasheet
761Kb / 6P
Shottky barrier diode
RB491D ROHM-RB491D_15 Datasheet
336Kb / 7P
Shottky barrier diode
logo
Kyocera Kinseki Corpota...
UCQS20A045 KSS-UCQS20A045 Datasheet
1Mb / 7P
Shottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com