Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC128-I/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC128-I/MS
Description  128K I2C??CMOS Serial EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC128-I/MS Datasheet(HTML) 1 Page - Microchip Technology

  24LC128-I/MS Datasheet HTML 1Page - Microchip Technology 24LC128-I/MS Datasheet HTML 2Page - Microchip Technology 24LC128-I/MS Datasheet HTML 3Page - Microchip Technology 24LC128-I/MS Datasheet HTML 4Page - Microchip Technology 24LC128-I/MS Datasheet HTML 5Page - Microchip Technology 24LC128-I/MS Datasheet HTML 6Page - Microchip Technology 24LC128-I/MS Datasheet HTML 7Page - Microchip Technology 24LC128-I/MS Datasheet HTML 8Page - Microchip Technology 24LC128-I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2010 Microchip Technology Inc.
DS21191S-page 1
24AA128/24LC128/24FC128
Device Selection Table
Features:
• Single Supply with Operation down to 1.7V for
24AA128/24FC128 devices, 2.5V for 24LC128
Devices
• Low-Power CMOS Technology:
- Write current 3 mA, typical
- Standby current 100 nA, typical
• 2-Wire Serial Interface, I2C™ Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• 1 MHz Clock for FC Versions
• Page Write Time 5 ms, typical
• Self-Timed Erase/Write Cycle
• 64-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection >4000V
• More than 1 Million Erase/Write Cycles
• Data Retention > 200 years
• Factory Programming Available
• Packages include 8-lead PDIP, SOIC, TSSOP,
DFN, TDFN, MSOP, and Chip Scale Packages
• Pb-Free and RoHS Compliant
• Temperature Ranges:
Description:
The Microchip Technology Inc. 24AA128/24LC128/
24FC128 (24XX128*) is a 16K x 8 (128 Kbit) Serial
Electrically Erasable PROM (EEPROM), capable of
operation across a broad voltage range (1.7V to 5.5V).
It has been developed for advanced, low-power
applications such as personal communications or data
acquisition. This device also has a page write capabil-
ity of up to 64 bytes of data. This device is capable of
both random and sequential reads up to the 128K
boundary. Functional address lines allow up to eight
devices on the same bus, for up to 1 Mbit address
space. This device is available in the standard 8-pin
plastic DIP, SOIC (3.90 mm and 5.28 mm), TSSOP,
MSOP, DFN, TDFN and Chip Scale packages.
Block Diagram
*24XX128 is used in this document as a generic part number
for the 24AA128/24LC128/24FC128 devices.
Package Types
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA128
1.7-5.5V
400 kHz(1)
I
24LC128
2.5-5.5V
400 kHz
I, E
24FC128
1.7-5.5V
1 MHz(2)
I
Note 1:
100 kHz for VCC < 2.5V.
2:
400 kHz for VCC < 2.5V.
- Industrial (I):
-40
C to +85C
- Automotive (E):
-40
C to +125C
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense Amp.
R/W Control
M
emory
C
ontrol
L
ogic
I/O
C
ontrol
L
ogic
I/O
A0 A1 A2
SDA
SCL
VCC
VSS
WP
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP/SOIC
TSSOP/MSOP1
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
DFN/TDFN
A0
A1
A2
VSS
WP
SCL
SDA
5
6
7
8
4
3
2
1
VCC
Note 1: Pins A0 and A1 are no-connects for the MSOP package only.
CS (Chip Scale)2
12
3
45
6
7
8
VCC A1 A0
WP
A2
SDA SCL VSS
(TOP DOWN VIEW,
BALLS NOT VISIBLE)
2: Available in I-temp, “AA” only.
128K I2C™ CMOS Serial EEPROM


Similar Part No. - 24LC128-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC128-I/MS MICROCHIP-24LC128-I/MS Datasheet
814Kb / 42P
I2C??Serial EEPROM Family Data Sheet
2007
24LC128-I/MS MICROCHIP-24LC128-I/MS Datasheet
618Kb / 32P
128K I2C??CMOS Serial EEPROM
2009
More results

Similar Description - 24LC128-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
128K I2C CMOS Serial EEPROM
2004
logo
Catalyst Semiconductor
CAT24WC128 CATALYST-CAT24WC128_05 Datasheet
404Kb / 9P
128K-Bit I2C Serial CMOS EEPROM
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
128K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
128K I2C CMOS Serial EEPROM
2007
24AA128 MICROCHIP-24AA128_09 Datasheet
618Kb / 32P
128K I2C??CMOS Serial EEPROM
2009
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
128K I2C??CMOS Serial EEPROM
2010
24AA128-I MICROCHIP-24AA128-I Datasheet
361Kb / 26P
128K I2C CMOS Serial EEPROM
12/08/06
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
128K I2C CMOS Serial EEPROM
01/05/10
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
I2C CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com