Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2001T2D Datasheet(PDF) 3 Page - Rohm

Part # RF2001T2D
Description  Fast recovery diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T2D Datasheet(HTML) 3 Page - Rohm

  RF2001T2D Datasheet HTML 1Page - Rohm RF2001T2D Datasheet HTML 2Page - Rohm RF2001T2D Datasheet HTML 3Page - Rohm RF2001T2D Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RF2001T2D
 
0
5
10
15
20
25
30
35
40
0
25
50
75
100
125
150
D=1/2
DC
Sin(
=180)
AMBIENT TEMPERATURE:Ta(
C)
Derating Curve"(Io-Ta)
CASE TEMPARATURE:Tc(
C)
Derating Curve"(Io-Tc)
0
5
10
15
20
25
30
35
40
0
25
50
75
100
125
150
DC
D=1/2
Sin(
=180)
T
Tj=150
C
D=t/T
t
VR
Io
VR=100V
0A
0V
T
Tj=150
C
D=t/T
t
VR
Io
VR=100V
0A
0V
0
5
10
15
20
25
30
No break at 30kV
C=100pF
R=1.5k
C=200pF
R=0
No break at 30kV
ESD DISPERSION MAP
3/3
2010.02 - Rev.D
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com