Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC256-E/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # 24LC256-E/MS
Description  256K I2C??CMOS Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256-E/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24LC256-E/MS Datasheet HTML 10Page - Microchip Technology 24LC256-E/MS Datasheet HTML 11Page - Microchip Technology 24LC256-E/MS Datasheet HTML 12Page - Microchip Technology 24LC256-E/MS Datasheet HTML 13Page - Microchip Technology 24LC256-E/MS Datasheet HTML 14Page - Microchip Technology 24LC256-E/MS Datasheet HTML 15Page - Microchip Technology 24LC256-E/MS Datasheet HTML 16Page - Microchip Technology 24LC256-E/MS Datasheet HTML 17Page - Microchip Technology 24LC256-E/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
24AA256/24LC256/24FC256
DS21203Q-page 14
 2010 Microchip Technology Inc.
Package Marking Information (Continued)
8-Lead MSOP
Example:
XXXXXT
YWWNNN
4L256I
510017
8-Lead DFN-S
Example
:
XXXXXXX
T/XXXXX
YYWW
24LC256
I/MF
0510
017
NNN
First Line Marking Codes
Part No.
TSSOP Package Codes
MSOP Package Codes
24AA256
4AD
4A256T
24LC256
4LD
4L256T
24FC256
4FD
4F256T
8-Lead TSSOP
Example:
XXXX
TYWW
NNN
4LD
I510
017
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com