Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11LC010-EP Datasheet(PDF) 21 Page - Microchip Technology

Part # 11LC010-EP
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC010-EP Datasheet(HTML) 21 Page - Microchip Technology

Back Button 11LC010-EP Datasheet HTML 17Page - Microchip Technology 11LC010-EP Datasheet HTML 18Page - Microchip Technology 11LC010-EP Datasheet HTML 19Page - Microchip Technology 11LC010-EP Datasheet HTML 20Page - Microchip Technology 11LC010-EP Datasheet HTML 21Page - Microchip Technology 11LC010-EP Datasheet HTML 22Page - Microchip Technology 11LC010-EP Datasheet HTML 23Page - Microchip Technology 11LC010-EP Datasheet HTML 24Page - Microchip Technology 11LC010-EP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS22067H-page 21
11AAXXX/11LCXXX
3
e
8-Lead MSOP (150 mil)
Example:
XXXXXXT
YWWNNN
11A01I
8281L7
8-Lead MSOP Package Marking (Pb-Free)
Device
Line 1 Marking
Device
Line 1 Marking
11AA010
11A01T
11LC010
11L01T
11AA020
11A02T
11LC020
11L02T
11AA040
11A04T
11LC040
11L04T
11AA080
11A08T
11LC080
11L08T
11AA160
11AAT
11LC160
11LAT
11AA161
11AA1T
11LC161
11LA1T
Note:
T = Temperature Grade (I, E)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com