Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS4148 Datasheet(PDF) 2 Page - Rohm

Part # RLS4148
Description  Switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RLS4148 Datasheet(HTML) 2 Page - Rohm

  RLS4148 Datasheet HTML 1Page - Rohm RLS4148 Datasheet HTML 2Page - Rohm RLS4148 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RLS4148 / RLS4150 / RLS4448
Diodes
!
!
!
!Electrical characteristic curves
(Ta = 25
°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.2
0.5
1
2
5
10
20
50
100
FORWARD VOLTAGE : VF (V)
Fig.1 Forward characteristics
0
100°C
70
°C
50
°C
Ta=25°C
20
40
60
80
100
120
3
10
30
100
300
1 000
3 000
REVERSE VOLTAGE : VR (V)
Fig.2 Reverse characteristics
0
0
10
20
30
0.5
1.0
1.5
2.0
2.5
3.0
515
25
f=1MHz
REVERSE VOLTAGE : VR (V)
Fig.3 Capacitance between
terminals characteristics
Fig.4 Reverse recovery time
characteristics
0
0
10
20
30
1
2
3
VR=6V
Irr=1/10IR
FORWARD CURRENT : IF (mA)
0.1
1
10
100
1 000
10 000
1
2
5
10
20
50
100
PULSE
Single pulse
PULSE WIDTH : Tw (ms)
Fig.5 Surge current characteristics
PULSE GENERATOR
OUTPUT 50
Ω
SAMPLING
OSCILLOSCOPE
50
Ω
0.01
µF
100ns
INPUT
D.U.T.
trr
OUTPUT
0
5
Ω
Fig.6 Reverse recovery time (trr) measurement circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com