Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # HER201
Description  HIGH EFFICIENCY RECITIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

HER201 Datasheet(HTML) 2 Page - Zowie Technology Corporation

  HER201 Datasheet HTML 1Page - Zowie Technology Corporation HER201 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES HER201 THRU HER208
Zowie Technology Corporation
REV. : 0
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0.4
0.2
0
0.6
0.8
1.0
1.2
1.4
1.8
1.6
PULSE WIDTH=300uS
1% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.4 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
10
20
30
40
50
60
1
10
100
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0.01
0.1
1.0
100
10
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0
20
40
60
80
100
120
140
FIG.6 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
TJ = 25
oC
TJ = 25
oC
TJ = 100
oC
TJ = 150
oC
REVERSE VOLTAGE, VOLTS
.1
1
40
200
.2
.4
1.0
2
4
10
20
40
100
2
4
10
6
20
60
100
FIG.1 - TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
50
NONINDUCTIVE
1
NON-
INDUCTIVE
10
NONINDUCTIVE
( + )
25 Vdc
( approx )
( - )
OSCILLOSCOPE
( NOTE 1 )
PULSE
GENERATOR
( NOTE 2 )
D.U.T.
( - )
( + )
NOTES : 1. Rise Time = 7ns max. Input Impedance=
1 megohm. 22pF.
2. Rise Time = 10ns max. Source Impedance=
50 ohms.
trr
+0.5A
-0.25A
0
-1.0A
SET TIME BASE
FOR 10/20 ns/cm
FIG.2 - FORWARD CURRENT DERATING CURVE
3.0
2.5
2.0
1.5
1.0
0.5
0
0
25
50
75
100
125
150
175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
AMBIENT TEMPERATURE,
oC
0.375" (9.5mm) LEAD LENGTH
HER206~HER208
HER201~HER205



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com