Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC1024 Datasheet(PDF) 18 Page - Microchip Technology

Part # 25LC1024
Description  1 Mbit SPI Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC1024 Datasheet(HTML) 18 Page - Microchip Technology

Back Button 25LC1024 Datasheet HTML 14Page - Microchip Technology 25LC1024 Datasheet HTML 15Page - Microchip Technology 25LC1024 Datasheet HTML 16Page - Microchip Technology 25LC1024 Datasheet HTML 17Page - Microchip Technology 25LC1024 Datasheet HTML 18Page - Microchip Technology 25LC1024 Datasheet HTML 19Page - Microchip Technology 25LC1024 Datasheet HTML 20Page - Microchip Technology 25LC1024 Datasheet HTML 21Page - Microchip Technology 25LC1024 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
25LC1024
DS22064D-page 18
 2010 Microchip Technology Inc.
2.12
RELEASE FROM DEEP
POWER-DOWN AND READ
ELECTRONIC SIGNATURE
Once the device has entered Deep Power-Down
mode all instructions are ignored except the release
from Deep Power-down and Read Electronic Signa-
ture command. This command can also be used when
the device is not in Deep Power-down, to read the
electronic signature out on the SO pin unless another
command is being executed such as Erase, Program
or Write STATUS register.
Release from Deep Power-Down mode and Read
Electronic Signature is entered by driving CS low,
followed by the RDID instruction code (Figure 2-12)
and then a dummy address of 24 bits (A23-A0). After
the last bit of the dummy address is clocked in, the
8-bit Electronic signature is clocked out on the SO
pin.
After the signature has been read out at least once,
the sequence can be terminated by driving CS high.
The device will then return to Standby mode and will
wait to be selected so it can be given new instructions.
If additional clock cycles are sent after the electronic
signature has been read once, it will continue to output
the signature on the SO line until the sequence is
terminated.
FIGURE 2-12:
RELEASE FROM DEEP POWER-DOWN AND READ ELECTRONIC SIGNATURE
Driving CS high after the 8-bit RDID command, but before the Electronic Signature has been transmitted, will still
ensure the device will be taken out of Deep Power-Down mode. However, there is a delay TREL that occurs before the
device returns to Standby mode (ICCS), as shown in Figure 2-13.
FIGURE 2-13:
RELEASE FROM DEEP POWER-DOWN AND READ ELECTRONIC SIGNATURE
SO
SI
SCK
CS
0
23456789 10 11
29 30 31 32 33 34 35 36 37 38 39
1
01
1
0
1
0
11
23 22 21 20
210
76543210
Instruction
24-bit Address
Electronic Signature Out
High-Impedance
0
101001
0
Manufacturers ID 0x29
SO
SI
SCK
CS
0
234
567
1
01
1
0
1
0
11
Instruction
High-Impedance
TREL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com