Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6720005421 Datasheet(PDF) 3 Page - Weidmuller

Part # 6720005421
Description  DIN-Rail Receptacle
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

6720005421 Datasheet(HTML) 3 Page - Weidmuller

  6720005421 Datasheet HTML 1Page - Weidmuller 6720005421 Datasheet HTML 2Page - Weidmuller 6720005421 Datasheet HTML 3Page - Weidmuller 6720005421 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
DIN-Rail Receptacle
Dimensional Drawing
20 Amp Duplex
20 Amp GFCI
Technical data
Voltage
Current
Operating Frequency
Dielectric Voltage
Current Interrupting
Trip Level
Termination Wire Size
Terminal Torque
Temperature:
Operating
Storage
Material Listing
Enclosure Cover, Flammibility
Enclosure Base, Flammibility
Spring
Approvals/Certifications
Ordering data
125 VAC
20A
50 - 60 Hz
Withstands 2000V per UL498
Full rated current
N/A
#20 - #10 AWG solid or stranded
7 lb.-in. (.79 Nm)
-35°C to 60°C
-25°C to 80°C
PBT/polycarbonate blend, UL94 rating V0 @ .63mm
Polyamide 6/6 30% GF, UL94 rating V0 @ .63mm
Stainless Steel
Description
TUL 508A (file # E223801)
cULus
UL498
NEMA WD-6
NEMA 5-15R
Type
Part No.
DRAC DP 20
6720005420
125 VAC
20A
50 - 60 Hz
Withstands 1500V per UL498
10 kA
5±1 mA
#20 - #10 AWG solid or stranded
7 lb.-in. (.79 Nm)
-35°C to 60°C
-25°C to 80°C
PBT/polycarbonate blend, UL94 rating V0 @ .63mm
Polyamide 6/6 30% GF, UL94 rating V0 @ .63mm
Stainless Steel
Description
TUL 508A (file # E223801)
cULus
UL 943
NEMA WD-6
NEMA 5-15R
Type
Part No.
DRAC GF 20
6720005423



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com