Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC512-E/P Datasheet(PDF) 15 Page - Microchip Technology

Part # 25LC512-E/P
Description  512 Kbit SPI Bus Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC512-E/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button 25LC512-E/P Datasheet HTML 11Page - Microchip Technology 25LC512-E/P Datasheet HTML 12Page - Microchip Technology 25LC512-E/P Datasheet HTML 13Page - Microchip Technology 25LC512-E/P Datasheet HTML 14Page - Microchip Technology 25LC512-E/P Datasheet HTML 15Page - Microchip Technology 25LC512-E/P Datasheet HTML 16Page - Microchip Technology 25LC512-E/P Datasheet HTML 17Page - Microchip Technology 25LC512-E/P Datasheet HTML 18Page - Microchip Technology 25LC512-E/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
 2010 Microchip Technology Inc.
DS22065C-page 15
25LC512
2.9
SECTOR ERASE
The SECTOR
ERASE instruction will erase all bits
(FFh) inside the given sector. A Write Enable (WREN)
instruction must be given prior to attempting a SECTOR
ERASE. This is done by setting CS low and then clock-
ing out the proper instruction into the 25LC512. After
all eight bits of the instruction are transmitted, the CS
must be brought high to set the write enable latch.
The SECTOR ERASE instruction is entered by driving
CS low, followed by the instruction code (Figure 2-9)
and two address bytes. Any address inside the sector
to be erased is a valid address.
CS must then be driven high after the last bit of the
address or the SECTOR ERASE will not execute. Once
the CS is driven high the self-timed SECTOR ERASE
cycle is started. The WIP bit in the STATUS register
can be read to determine when the SECTOR ERASE
cycle is complete.
If a SECTOR ERASE instruction is given to an address
that has been protected by the Block Protect bits (BP0,
BP1) then the sequence will be aborted and no erase
will occur.
See Table 2-3 for Sector Addressing.
FIGURE 2-9:
SECTOR ERASE SEQUENCE
SO
SI
SCK
CS
0
23456789 10 11
21 22 23
1
00
1
1
0
1
10
15 14 13 12
210
Instruction
16-bit Address
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com