Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1010-I/SS Datasheet(PDF) 12 Page - Microchip Technology

Part # AR1010-I/SS
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/SS Datasheet(HTML) 12 Page - Microchip Technology

Back Button AR1010-I/SS Datasheet HTML 8Page - Microchip Technology AR1010-I/SS Datasheet HTML 9Page - Microchip Technology AR1010-I/SS Datasheet HTML 10Page - Microchip Technology AR1010-I/SS Datasheet HTML 11Page - Microchip Technology AR1010-I/SS Datasheet HTML 12Page - Microchip Technology AR1010-I/SS Datasheet HTML 13Page - Microchip Technology AR1010-I/SS Datasheet HTML 14Page - Microchip Technology AR1010-I/SS Datasheet HTML 15Page - Microchip Technology AR1010-I/SS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
DS41393A-Page 8
© 2009 Microchip Technology, Inc.
7.7
Communication Interface
The desired communication type is hardware selectable by chip part number and using pin M1.
Type
Chip P/N
M1 pin
I
2C
AR1020
VSS
SPI
AR1020
VDD
UART
AR1010
VDD
Table 5 : Communication Selection
The communication interface pins are shown below for each communication type.
Type
Communication Pins
UART
RX, TX, VSS
I
2C
SCL, SDA, SDO (Irq), VSS
SPI
SCK, SDI, SDO, SS, SIQ (Irq), VSS
Table 6 : Communication Pins
7.7.1
I
2C
I
2C operates in slave mode with 7-bit address of 0x9A.
The SDO pin functions as an interrupt output. It is asserted high when data is available.
Timing diagrams are shown below.
Figure 7 : I
2C Timing Diagram – Receive Data
Figure 8 : I
2C Timing Diagram – Transmit Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com