Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC1024-E/P Datasheet(PDF) 31 Page - Microchip Technology

Part # 25LC1024-E/P
Description  1 Mbit SPI Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC1024-E/P Datasheet(HTML) 31 Page - Microchip Technology

Back Button 25LC1024-E/P Datasheet HTML 26Page - Microchip Technology 25LC1024-E/P Datasheet HTML 27Page - Microchip Technology 25LC1024-E/P Datasheet HTML 28Page - Microchip Technology 25LC1024-E/P Datasheet HTML 29Page - Microchip Technology 25LC1024-E/P Datasheet HTML 30Page - Microchip Technology 25LC1024-E/P Datasheet HTML 31Page - Microchip Technology 25LC1024-E/P Datasheet HTML 32Page - Microchip Technology 25LC1024-E/P Datasheet HTML 33Page - Microchip Technology 25LC1024-E/P Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
 2010 Microchip Technology Inc.
DS22064D-page 31
25LC1024
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Tape & Reel
Device
Device:
25LC1024
1 Mbit, 2.5V, SPI Serial EEPROM
Tape & Reel:
Blank =
T=
Standard packaging (tube)
Tape & Reel
Temperature
Range:
I=
E=
-40
C to+85C
-40
C to+125C
Package:
MF
=
P=
SM
=
Micro Lead Frame (6 x 5 mm body), 8-lead
Plastic DIP (300 mil body), 8-lead
Plastic SOIJ (5.28 mm), 8-lead
Examples:
a)
25LC1024-I/P = 1 Mbit, 2.5V Serial EEPROM,
Industrial temp., P-DIP package
b)
25LC1024T-E/MF = 1 Mbit, 2.5V Serial
EEPROM, Extended temp., Tape & Reel, DFN
package
–
X
Temp Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com