Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1826S Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1826S
Description  1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1826S Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1826S Datasheet HTML 17Page - Microchip Technology MCP1826S Datasheet HTML 18Page - Microchip Technology MCP1826S Datasheet HTML 19Page - Microchip Technology MCP1826S Datasheet HTML 20Page - Microchip Technology MCP1826S Datasheet HTML 21Page - Microchip Technology MCP1826S Datasheet HTML 22Page - Microchip Technology MCP1826S Datasheet HTML 23Page - Microchip Technology MCP1826S Datasheet HTML 24Page - Microchip Technology MCP1826S Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
© 2007 Microchip Technology Inc.
DS22057A-page 21
MCP1826/MCP1826S
5.3.1.2
Junction Temperature Estimate
To estimate the internal junction temperature, the
calculated temperature rise is added to the ambient or
offset temperature. For this example, the worst-case
junction temperature is estimated below:
5.3.1.3
Maximum Package Power
Dissipation at 60°C Ambient
Temperature
From this table, you can see the difference in maximum
allowable power dissipation between the TO-220-5
package and the DDPAK-5 package.
TJ =TJRISE + TA(MAX)
TJ = 30.12°C + 60.0°C
TJ = 90.12°C
TO-220-5 (29.3° C/W R
θJA):
PD(MAX) = (125°C – 60°C) / 29.3°C/W
PD(MAX) = 2.218W
DDPAK-5 (31.2°C/Watt R
θJA):
PD(MAX) = (125°C – 60°C)/ 31.2°C/W
PD(MAX) = 2.083W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com