Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC1024-I/SM Datasheet(PDF) 4 Page - Microchip Technology

Part # 25LC1024-I/SM
Description  1 Mbit SPI Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC1024-I/SM Datasheet(HTML) 4 Page - Microchip Technology

  25LC1024-I/SM Datasheet HTML 1Page - Microchip Technology 25LC1024-I/SM Datasheet HTML 2Page - Microchip Technology 25LC1024-I/SM Datasheet HTML 3Page - Microchip Technology 25LC1024-I/SM Datasheet HTML 4Page - Microchip Technology 25LC1024-I/SM Datasheet HTML 5Page - Microchip Technology 25LC1024-I/SM Datasheet HTML 6Page - Microchip Technology 25LC1024-I/SM Datasheet HTML 7Page - Microchip Technology 25LC1024-I/SM Datasheet HTML 8Page - Microchip Technology 25LC1024-I/SM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
25LC1024
DS22064D-page 4
 2010 Microchip Technology Inc.
TABLE 1-3:
AC TEST CONDITIONS
25
—
Endurance
1M
—
E/W
Cycles
Page mode, 25°C, 5.5V (Note 2)
TABLE 1-2:
AC CHARACTERISTICS (CONTINUED)
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
VCC = 2.5V to 5.5V
Automotive (E):
TA = -40°C to +125°C
VCC = 2.5V to 5.5V
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is not tested but established by characterization and qualification. For endurance
estimates in a specific application, please consult the Total Endurance™ Model which can be obtained
from Microchip’s web site at www.microchip.com.
AC Waveform:
VLO = 0.2V
—
VHI = VCC - 0.2V
(Note 1)
VHI = 4.0V
(Note 2)
CL = 30 pF
—
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC
Note 1: For VCC
 4.0V
2: For VCC > 4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com