Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC64-E/OT Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC64-E/OT
Description  64K I2C??Serial EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64-E/OT Datasheet(HTML) 1 Page - Microchip Technology

  24LC64-E/OT Datasheet HTML 1Page - Microchip Technology 24LC64-E/OT Datasheet HTML 2Page - Microchip Technology 24LC64-E/OT Datasheet HTML 3Page - Microchip Technology 24LC64-E/OT Datasheet HTML 4Page - Microchip Technology 24LC64-E/OT Datasheet HTML 5Page - Microchip Technology 24LC64-E/OT Datasheet HTML 6Page - Microchip Technology 24LC64-E/OT Datasheet HTML 7Page - Microchip Technology 24LC64-E/OT Datasheet HTML 8Page - Microchip Technology 24LC64-E/OT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2010 Microchip Technology Inc.
DS21189R-page 1
24AA64/24LC64/24FC64
Device Selection Table
Features:
• Single-Supply with Operation down to 1.7V for
24AA64/24FC64 devices, 2.5V for 24LC64
devices
• Low-Power CMOS Technology:
- Active current 3 mA, max.
- Standby current 1
A, max.
• 2-Wire Serial Interface, I2C™ Compatible
• Packages with 3 Address Pins are cascadable up
to 8 devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• 1 MHz Clock for FC versions
• Page Write Time 5 ms, max.
• Self-timed Erase/Write Cycle
• 32-Byte Page Write Buffer
• Hardware Write-protect
• ESD Protection > 4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention > 200 Years
• Factory Programming Available
• Packages include 8-lead PDIP, SOIC, SOIJ,
TSSOP, X-Rotated TSSOP, MSOP, DFN, TDFN,
5-lead SOT-23 or Chip Scale
• Pb-Free and RoHS Compliant
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Automotive (E): -40°C to +125°C
Description:
The Microchip Technology Inc. 24AA64/24LC64/
24FC64 (24XX64*) is a 64 Kbit Electrically Erasable
PROM. The device is organized as a single block of
8K x 8-bit memory with a 2-wire serial interface. Low-
voltage design permits operation down to 1.7V, with
standby and active currents of only 1
A and 3 mA,
respectively. It has been developed for advanced, low-
power applications such as personal communications
or data acquisition. The 24XX64 also has a page write
capability for up to 32 bytes of data. Functional
address lines allow up to eight devices on the same
bus, for up to 512 Kbits address space. The 24XX64 is
available in the standard 8-pin PDIP, surface mount
SOIC, SOIJ, TSSOP, DFN, TDFN and MSOP
packages. The 24XX64 is also available in the 5-lead
SOT-23, and Chip Scale packages.
Block Diagram
Package Types
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA64
1.7-5.5
400 kHz(1)
I
24LC64
2.5-5.5
400 kHz
I, E
24FC64
1.7-5.5
1 MHz(2)
I
Note 1:
100 kHz for VCC <2.5V
2:
400 kHz for VCC <2.5V
HV
EEPROM
Array
Page
YDEC
XDEC
Sense Amp.
Memory
Control
Logic
I/O
Control
Logic
I/O
WP
SDA
SCL
VCC
VSS
R/W Control
Latches
Generator
A2
A1
A0
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP/MSOP/SOIC/SOIJ/TSSOP
DFN/TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
SOT-23
1
2
34
5
WP
VCC
SCL
VSS
SDA
CS (Chip Scale)(1)
1
2
3
45
VCC
WP
SDA
SCL
VSS
(Top Down View,
Balls Not Visible)
Note 1:
Available in I-temp, “AA” only.
X-Rotated TSSOP
WP
VCC
A0
A1
1
2
3
4
8
7
6
5
SCL
SDA
VSS
A2
(X/ST)
64K I2C™ Serial EEPROM
* 24XX64 is used in this document as a generic part number for the 24AA64/24LC64/24FC64 devices.


Similar Part No. - 24LC64-E/OT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC64-E/MC MICROCHIP-24LC64-E/MC Datasheet
433Kb / 28P
64K I2C??Serial EEPROM
2007
24LC64-E/MS MICROCHIP-24LC64-E/MS Datasheet
572Kb / 24P
64K I2C??Serial EEPROM
2002
24LC64-E/MS MICROCHIP-24LC64-E/MS Datasheet
433Kb / 28P
64K I2C??Serial EEPROM
2007
24LC64-E/P MICROCHIP-24LC64-E/P Datasheet
572Kb / 24P
64K I2C??Serial EEPROM
2002
24LC64-E/P MICROCHIP-24LC64-E/P Datasheet
433Kb / 28P
64K I2C??Serial EEPROM
2007
More results

Similar Description - 24LC64-E/OT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA64 MICROCHIP-24AA64_02 Datasheet
572Kb / 24P
64K I2C??Serial EEPROM
2002
24AA64 MICROCHIP-24AA64_07 Datasheet
433Kb / 28P
64K I2C??Serial EEPROM
2007
24AA64 MICROCHIP-24AA64_09 Datasheet
746Kb / 36P
64K I2C??Serial EEPROM
2009
24AA64T-IMC MICROCHIP-24AA64T-IMC Datasheet
1Mb / 44P
64K I2C??Serial EEPROM
1997-2012
24AA64-SN MICROCHIP-24AA64-SN Datasheet
1Mb / 44P
64K I2C??Serial EEPROM
1997-2012
24LC64-I-SN MICROCHIP-24LC64-I-SN Datasheet
1Mb / 44P
64K I2C??Serial EEPROM
1997-2012
24AA64 MICROCHIP-24AA64_12 Datasheet
1Mb / 44P
64K I2C??Serial EEPROM
11/29/12
24AA64 MICROCHIP-24AA64 Datasheet
355Kb / 28P
64K I2C Serial EEPROM
12/08/06
24LC64-I-ST MICROCHIP-24LC64-I-ST Datasheet
370Kb / 26P
64K I2C??Serial EEPROM
07/28/03
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
64K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com