Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1020-I/SS Datasheet(PDF) 8 Page - Microchip Technology

Part # AR1020-I/SS
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1020-I/SS Datasheet(HTML) 8 Page - Microchip Technology

Back Button AR1020-I/SS Datasheet HTML 4Page - Microchip Technology AR1020-I/SS Datasheet HTML 5Page - Microchip Technology AR1020-I/SS Datasheet HTML 6Page - Microchip Technology AR1020-I/SS Datasheet HTML 7Page - Microchip Technology AR1020-I/SS Datasheet HTML 8Page - Microchip Technology AR1020-I/SS Datasheet HTML 9Page - Microchip Technology AR1020-I/SS Datasheet HTML 10Page - Microchip Technology AR1020-I/SS Datasheet HTML 11Page - Microchip Technology AR1020-I/SS Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
DS41393A-Page 4
© 2009 Microchip Technology, Inc.
7
FUNCTIONAL DESCRIPTION
7.1
Main Schematic
A main application schematic is shown below for the SOIC/SSOP package pinout. See the Pin Diagram section
for the QFN package pinout.
Figure 3 : Main Schematic (SOIC, SSOP package pin out)
7.2
Bill of Materials
Modifying, removing, or adding components may adversely affect touch performance.
Specific manufacturers and part numbers are provided only as a guide. Equivalents can be used.
Label
Qty
Value
Description
Manufacturer
Part Number
C1
1
10 uF
Capacitor – Ceramic, 10uF, 20%, 6.3V, X7R, 0603
AVX
06036D106MAT2A
C2
1
0.1 uF
Capacitor – Ceramic, 0.1uF, 10%, 16V, X7R, 0603
AVX
0603YC104KAT2A
C3, C4, C5
1
2-3
0.01 uF
Capacitor – Ceramic, 0.01uF, 10%, 50V, X7R, 0603
AVX
06035C103KAT2A
D1-D8
2
4-8
130 W
Diode – Bi-dir., 130W, ESD Protection, SOD323
NXP
PESD5V0S1BA
R1
1
20K ohm
Resistor - 20K ohm, 1/10W, 5%, 0603
Yageo America
RC0603JR-0720KL
U1
1
Na
Touch controller IC
Microchip
AR1010 or AR1020
Table 3 : Bill of Materials
Note 1: C5 is only needed for 5-wire applications.
Note 2: D1-D8 are for ESD protection.
4-wire touch screen, use D1-D4
5-wire touch screen, use D1-D5
8-wire touch screen, use D1-D8
The capacitance of alternate ESD diodes may adversely affect touch performance. A lower
capacitance is better. The PESD5V0S1BA parts shown in the reference design have a typical
capacitance of 35pF. Test to ensure that selected ESD protection does not degrade touch
performance.
ESD protection is shown in the reference design, but acceptable protection is dependent on your
specific application. Ensure your ESD solution meets your design requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com