Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4331-503E/ML Datasheet(PDF) 81 Page - Microchip Technology

Part # MCP4331-503E/ML
Description  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4331-503E/ML Datasheet(HTML) 81 Page - Microchip Technology

Back Button MCP4331-503E/ML Datasheet HTML 77Page - Microchip Technology MCP4331-503E/ML Datasheet HTML 78Page - Microchip Technology MCP4331-503E/ML Datasheet HTML 79Page - Microchip Technology MCP4331-503E/ML Datasheet HTML 80Page - Microchip Technology MCP4331-503E/ML Datasheet HTML 81Page - Microchip Technology MCP4331-503E/ML Datasheet HTML 82Page - Microchip Technology MCP4331-503E/ML Datasheet HTML 83Page - Microchip Technology MCP4331-503E/ML Datasheet HTML 84Page - Microchip Technology MCP4331-503E/ML Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 88 page
background image
 2010 Microchip Technology Inc.
DS22242A-page 81
MCP433X/435X
FIGURE B-6:
Resistor Network Block
Diagram.
The characteristics of the wiper is determined by the
characteristics of the wiper switch at each of the
resistor networks tap points. Figure B-7 shows an
example of a wiper switch. As the device operational
voltage becomes lower, the characteristics of the wiper
switch change due to a lower voltage on the VG signal.
Figure B-7 shows an implementation of a wiper switch.
When the transistor is turned off, the switch resistance
is in the Giga
s. When the transistor is turned on, the
switch resistance is dependent on the VG, VW and
VWCn voltages. This resistance is referred to as RW.
FIGURE B-7:
Wiper Switch.
So looking at the wiper voltage (VW) for the
3.0V and 1.8V data gives the graphs in Figure B-8 and
Figure B-9. In the 1.8V graph, as the VW approaches
0.8V, the voltage increases nonlinearly. Since V = I * R,
and the current (IW) is constant, it means that the
device resistance increased nonlinearly at around
wiper code 160.
FIGURE B-8:
Wiper Voltage (VW) vs.
Wiper Code (VDD = 3.0V, IW = 190 µA).
FIGURE B-9:
Wiper Voltage (VW) vs.
Wiper Code (VDD = 1.8V, IW = 190 µA).
RS
A
RS
RS
RS
B
RW (1)
W
RW (1)
RW (1)
RW (1)
RW (1)
Note 1:
The wiper resistance is dependent on
several factors including, wiper code,
device VDD, Terminal voltages (on A, B
and W), and temperature.
RAB
NMOS
PMOS
N0
Nn-1
N1
Nn
Nn-2
Nn-3
VW
VB
VA
VWC(n-2)
DVG
Note 1: Wiper Resistance (RW) depends on the
voltages at the wiper switch nodes
(VG, VW and VWCn).
RW (1)
NMOS
PMOS
NWC
Wiper
VG (VDD/VSS)
“gate”
“gate”
VW
VWCn
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
32
64
96
128 160 192 224 256
Wiper Code
-40C
+25C
+85C
+125C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
32
64
96
128 160 192 224 256
Wiper Code
-40C
+25C
+85C
+125C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com