Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1020T-I/ML Datasheet(PDF) 7 Page - Microchip Technology

Part # AR1020T-I/ML
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1020T-I/ML Datasheet(HTML) 7 Page - Microchip Technology

Back Button AR1020T-I/ML Datasheet HTML 3Page - Microchip Technology AR1020T-I/ML Datasheet HTML 4Page - Microchip Technology AR1020T-I/ML Datasheet HTML 5Page - Microchip Technology AR1020T-I/ML Datasheet HTML 6Page - Microchip Technology AR1020T-I/ML Datasheet HTML 7Page - Microchip Technology AR1020T-I/ML Datasheet HTML 8Page - Microchip Technology AR1020T-I/ML Datasheet HTML 9Page - Microchip Technology AR1020T-I/ML Datasheet HTML 10Page - Microchip Technology AR1020T-I/ML Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
© 2009 Microchip Technology, Inc.
DS41393A-Page 3
6
PIN DIAGRAM
Figure 2 : Pin Diagrams – SOIC / SSOP and QFN Packages
Pin Name
Pin #
Pin Description
SOIC, SSOP
QFN
VDD
1
18
Supply Voltage
M1
2
19
Communication Selection
SY-
3
20
Sense Y- (8-Wire). Tie to VSS, if not used.
M2
4
1
4/8-wire or 5-wire Sensor Selection
WAKE
5
2
Touch Wake-Up
SIQ
6
3
LED drive / SPI Interrupt. No Connect, if not used.
SY+
7
4
Sense Y+ (8-Wire). Tie to VSS, if not used.
SS
8
5
Slave Select (SPI). Tie to VSS, if not used.
SDO
9
6
SPI Serial Data Output / I
2C Interrupt. Tie to VSS, if UART.
NC
10
7
No Connection. No Connect or tie to VSS or VDD.
SCK/SCL/TX
11
8
SPI/I
2C Serial Clock / UART Transmit
NC
12
9
No Connection. No Connect or tie to VSS or VDD.
SDI/SDA/RX
13
10
I
2C Serial Data / SPI Serial Data Input / UART Receive
SX+
14
11
Sense X+ (8-Wire). Tie to VSS, if not used.
Y+
15
12
Y+ Drive
Y-
16
13
Y- Drive
5WSX-
17
14
5W Sense (5-Wire) / Sense X- (8-Wire). Tie to VSS, if not used.
X+
18
15
X+ Drive
X-
19
16
X- Drive
VSS
20
17
Supply Voltage Ground
Table 2: Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com