Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4331T-503E/ST Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP4331T-503E/ST
Description  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4331T-503E/ST Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP4331T-503E/ST Datasheet HTML 36Page - Microchip Technology MCP4331T-503E/ST Datasheet HTML 37Page - Microchip Technology MCP4331T-503E/ST Datasheet HTML 38Page - Microchip Technology MCP4331T-503E/ST Datasheet HTML 39Page - Microchip Technology MCP4331T-503E/ST Datasheet HTML 40Page - Microchip Technology MCP4331T-503E/ST Datasheet HTML 41Page - Microchip Technology MCP4331T-503E/ST Datasheet HTML 42Page - Microchip Technology MCP4331T-503E/ST Datasheet HTML 43Page - Microchip Technology MCP4331T-503E/ST Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
MCP433X/435X
DS22242A-page 40
 2010 Microchip Technology Inc.
4.2
Memory Map
The device memory supports 16 locations that are
9-bits wide (16x9 bits). This memory space contains
only volatile locations (see Table 4-2).
4.2.1
VOLATILE MEMORY (RAM)
There are six volatile memory locations. These are:
• Volatile Wiper 0
• Volatile Wiper 1
• Volatile Wiper 2
• Volatile Wiper 3
• Terminal Control (TCON0) Register 0
• Terminal Control (TCON)1 Register 1
The volatile memory starts functioning at the RAM
retention voltage (VRAM). The POR/BOR Wiper code is
shown in Table 4-1.
TABLE 4-1:
STANDARD SETTINGS
Resistance
Code
Typical
RAB Value
Default
POR Wiper
Setting
Wiper
Code
8-bit 7-bit
-502
5.0 k
Mid scale
80h
40h
-103
10.0 k
Mid scale
80h
40h
-503
50.0 k
Mid scale
80h
40h
-104
100.0 k
Mid scale
80h
40h
TABLE 4-2:
MEMORY MAP AND THE SUPPORTED COMMANDS
Address
Function
Memory
Type
Allowed Commands
Disallowed Commands (1)
Factory
Initialization
00h
Volatile Wiper 0
RAM
Read, Write,
Increment, Decrement
—
7-bit
040h
8-bit
080h
01h
Volatile Wiper 1
RAM
Read, Write,
Increment, Decrement
—
7-bit
040h
8-bit
080h
02h
Reserved
—
None
All
—
03h
Reserved
—
None
All
—
04h
Volatile
TCON0 Register
RAM
Read, Write
Increment, Decrement
1FFh
05h
Reserved
—
None
All
—
06h
Volatile Wiper 2
RAM
Read, Write,
Increment, Decrement
—
7-bit
040h
8-bit
080h
07h
Volatile Wiper 3
RAM
Read, Write,
Increment, Decrement
—
7-bit
040h
8-bit
080h
08h
Reserved
—
None
All
—
09h
Reserved
—
None
All
—
0Ah
Volatile
TCON1 Register
RAM
Read, Write
Increment, Decrement
1FFh
0Bh-0Fh Reserved
—
None
All
—
Note 1:
This command on this address will generate an error condition. To exit the error condition, the user must
take the CS pin to the VIH level and then back to the active state (VIL or VIHH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com