Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003-E/P Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2003-E/P
Description  LIN J2602 Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003-E/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2003-E/P Datasheet HTML 4Page - Microchip Technology MCP2003-E/P Datasheet HTML 5Page - Microchip Technology MCP2003-E/P Datasheet HTML 6Page - Microchip Technology MCP2003-E/P Datasheet HTML 7Page - Microchip Technology MCP2003-E/P Datasheet HTML 8Page - Microchip Technology MCP2003-E/P Datasheet HTML 9Page - Microchip Technology MCP2003-E/P Datasheet HTML 10Page - Microchip Technology MCP2003-E/P Datasheet HTML 11Page - Microchip Technology MCP2003-E/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MCP2003/4
DS22230A-page 8
 2010 Microchip Technology Inc.
1.5
Pin Descriptions
TABLE 1-1:
PINOUT DESCRIPTIONS
1.5.1
RECEIVE DATA OUTPUT (RXD)
The Receive Data Output pin is a open drain (OD)
output and follows the state of the LIN pin.
1.5.2
CS (CHIP SELECT)
Chip Select Input pin. An internal pull-down resistor will
keep the CS pin low. This is done to ensure that no
disruptive data will be present on the bus while the
microcontroller is executing a Power-on Reset and an
I/O initialization sequence. The pin must detect a high
level to activate the transmitter.
If CS = 0 when the VBB supply is turned on, the device
stays in Ready mode. In Ready mode, the receiver is
on and the LIN transmitter driver is off.
If CS = 1 when the VBB supply is turned on, the device
will proceed to the Operation mode as soon as internal
voltages stabilize.
This pin may also be used as a local wake-up input
(Refer to Example 1-1). In this implementation, the
microcontroller I/O controlling the CS should be
converted to a high-impedance input allowing the
internal pull-down resistor will keep CS low. An external
switch, or other source, can then wake-up both the
transceiver and the microcontroller (if powered).
1.5.3
WAKE UP INPUT (WAKE)
This pin is only available on the MCP2003.
The WAKE pin has an internal 800K pull up to VBB. A
falling edge on the WAKE pin causes the device to
wake from Power Down mode. Upon waking, the
MCP2003 will enter Ready mode
1.5.4
FAULT/TXE
This pin is only available on the MCP2004. This pin is
bidirectional and allows disabling of the transmitter, as
well as fault reporting related to disabling the
transmitter. This pin is an open-drain output with states
as defined in Table 1-2. The transmitter is disabled
whenever this pin is low (‘0’), either from an internal
Fault condition or by an external drive. While the
transmitter is disabled, the internal 30 k
 pull-up
resistor on the LBUS pin is also disconnected to reduce
current.
Pin Name
8-Pin
PDIP,
SOIC
8-Pin
DFN
MCP2003
MCP2004
Normal Operation
Normal Operation
RXD
1
1
Receive Data Output (OD)
Receive Data Output (OD)
CS
2
2
Chip Select (TTL)
Chip Select/Local WAKE (TTL)
WAKE (MCP2003 only)
FAULT/TXE (MCP2004
only)
3
3
Wake up, HV tolerant
Fault Detect Output (OD)
Transmitter Enable (TTL)
TXD
4
4
Transmit Data Input (TTL)
Transmit Data Input (TTL)
VSS
5
5
Ground
Ground
LBUS
6
6
LIN bus (bidirectional)
LIN bus (bidirectional)
VBB
7
7
Battery positive
Battery positive
VREN
8
8
Voltage Regulator Enable Output Voltage Regulator Enable Output
EP
9
Exposed Thermal Pad. Do not
electrically connect or connect to
Vss
Exposed Thermal Pad. Do not
electrically connect or connect to
Vss
Legend: TTL = TTL Input Buffer; OD = Open-Drain Output
Note:
It is not recommended to tie CS high as
this can result the MCP2003/4 entering
Operation mode before the microcon-
troller is initialized and may result in
unintentional LIN traffic.
Note:
The FAULT/TXE pin is true (‘0’) whenever
the internal circuits have detected a short
or thermal excursion and have disabled
the LBUS output driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com