Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4332-104E/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP4332-104E/ST
Description  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4332-104E/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP4332-104E/ST Datasheet HTML 8Page - Microchip Technology MCP4332-104E/ST Datasheet HTML 9Page - Microchip Technology MCP4332-104E/ST Datasheet HTML 10Page - Microchip Technology MCP4332-104E/ST Datasheet HTML 11Page - Microchip Technology MCP4332-104E/ST Datasheet HTML 12Page - Microchip Technology MCP4332-104E/ST Datasheet HTML 13Page - Microchip Technology MCP4332-104E/ST Datasheet HTML 14Page - Microchip Technology MCP4332-104E/ST Datasheet HTML 15Page - Microchip Technology MCP4332-104E/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
MCP433X/435X
DS22242A-page 12
 2010 Microchip Technology Inc.
1.1
SPI Mode Timing Waveforms and Requirements
FIGURE 1-1:
Reset Waveforms.
TABLE 1-1:
RESET TIMING
Timing Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
 TA  +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 k, 10 k, 50 k, 100 k devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
RESET pulse width
tRST
50
—
—
ns
RESET rising edge
normal mode (Wiper
driving and SPI
interface operational)
tRSTD
——
20
ns
RESET
SCK
tRST
tRSTD
Wx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com