Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4902-E/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP4902-E/ST
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902-E/ST Datasheet(HTML) 3 Page - Microchip Technology

  MCP4902-E/ST Datasheet HTML 1Page - Microchip Technology MCP4902-E/ST Datasheet HTML 2Page - Microchip Technology MCP4902-E/ST Datasheet HTML 3Page - Microchip Technology MCP4902-E/ST Datasheet HTML 4Page - Microchip Technology MCP4902-E/ST Datasheet HTML 5Page - Microchip Technology MCP4902-E/ST Datasheet HTML 6Page - Microchip Technology MCP4902-E/ST Datasheet HTML 7Page - Microchip Technology MCP4902-E/ST Datasheet HTML 8Page - Microchip Technology MCP4902-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
 2010 Microchip Technology Inc.
DS22250A-page 3
MCP4902/4912/4922
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD....................................................................... 6.5V
All inputs and outputs w.r.t .....VSS –0.3V to VDD+0.3V
Current at Input Pins ......................................... ±2 mA
Current at Supply Pins .................................... ±50 mA
Current at Output Pins .................................... ±25 mA
Storage temperature .......................... -65°C to +150°C
Ambient temp. with power applied ..... -55°C to +125°C
ESD protection on all pins
4 kV (HBM), 400V (MM)
Maximum Junction Temperature (TJ)................+150°C
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 5V, VSS = 0V, VREF = 2.048V, Output Buffer Gain (G) = 2x, RL = 5 k to
GND, CL = 100 pF TA = -40 to +85°C. Typical values are at +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Requirements
Operating Voltage
VDD
2.7
5.5
V
Operating CurrentInput Cur-
rent
IDD
350
700
µA
VDD = 5V
VDD = 3V
VREF input is unbuffered, all digital
inputs are grounded, all analog
outputs (VOUT) are unloaded.
Code = 000h.
250
500
µA
Hardware Shutdown Current
ISHDN
0.3
2
µA
Power-on Reset circuit is turned
off
Software Shutdown Current
ISHDN_SW
3.3
6
µA
Power-on Reset circuit stays on
Power-on-Reset Threshold
VPOR
—2.0
V
DC Accuracy
MCP4902
Resolution
n
8
Bits
INL Error
INL
-1
±0.125
1
LSb
DNL
DNL
-0.5
±0.1
+0.5
LSb
Note 1
MCP4912
Resolution
n
10
Bits
INL Error
INL
-3.5
±0.5
3.5
LSb
DNL
DNL
-0.5
±0.1
+0.5
LSb
Note 1
MCP4922
Resolution
n
12
Bits
INL Error
INL
-12
±2
12
LSb
DNL
DNL
-0.75
±0.2
+0.75
LSb
Note 1
Offset Error
VOS
±0.02
1
% of
FSR
Code = 0x000h
Note 1:
Guaranteed monotonic by design over all codes.
2:
This parameter is ensured by design, and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com