Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4802T-E/P Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP4802T-E/P
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4802T-E/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP4802T-E/P Datasheet HTML 6Page - Microchip Technology MCP4802T-E/P Datasheet HTML 7Page - Microchip Technology MCP4802T-E/P Datasheet HTML 8Page - Microchip Technology MCP4802T-E/P Datasheet HTML 9Page - Microchip Technology MCP4802T-E/P Datasheet HTML 10Page - Microchip Technology MCP4802T-E/P Datasheet HTML 11Page - Microchip Technology MCP4802T-E/P Datasheet HTML 12Page - Microchip Technology MCP4802T-E/P Datasheet HTML 13Page - Microchip Technology MCP4802T-E/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
MCP4802/4812/4822
DS22249A-page 10
 2010 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VREF = 2.048V, Gain = 2x, RL = 5 k, CL = 100 pF.
FIGURE 2-7:
DNL vs. Code and
Temperature (MCP4812).
FIGURE 2-8:
INL vs. Code and
Temperature (MCP4812).
FIGURE 2-9:
DNL vs. Code and
Temperature (MCP4802).
FIGURE 2-10:
INL vs. Code and
Temperature (MCP4802).
FIGURE 2-11:
Full-Scale VOUTA vs.
Ambient Temperature and VDD. Gain = 1x.
FIGURE 2-12:
Full-Scale VOUTA vs.
Ambient Temperature and VDD. Gain = 2x.
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
128 256 384 512 640 768 896 1024
Code
- 40
oC
+25
oC to +125oC
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
128
256
384
512
640
768
896 1024
Code
25
oC
85
oC
125
oC
- 40
oC
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0
32
64
96 128 160 192 224 256
Code
34
Temperature: - 40
oC to +125oC
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
326496
128 160 192 224
256
Code
- 40
oC
25
oC
85
oC
125
oC
2.040
2.041
2.042
2.043
2.044
2.045
2.046
2.047
2.048
2.049
2.050
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (°C)
VDD: 4V
VDD: 3V
VDD: 2.7V
4.076
4.080
4.084
4.088
4.092
4.096
4.100
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (°C)
VDD: 5.5V
VDD: 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com