Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 218 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 218 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 214Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 215Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 216Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 217Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 218Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 219Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 220Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 221Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 218
Preliminary
 2010 Microchip Technology Inc.
23.4.6
PWM STEERING MODE
In Single Output mode, PWM steering allows any of the
PWM pins to be the modulated signal. Additionally, the
same PWM signal can be simultaneously available on
multiple pins.
Once
the
Single
Output
mode
is
selected
(CCP1M<3:2> = 11 and P1M<1:0> = 00 of the
CCP1CON register), the user firmware can bring out
the same PWM signal to one, two, three or four output
pins by setting the appropriate STR1 bits of the
PSTR1CON register, as shown in Table 23-8.
While the PWM Steering mode is active, the
CCP1M<1:0> bits of the CCP1CON register determine
the polarity of the output pins.
The PWM auto-shutdown operation also applies to
PWM Steering mode as described in Section 23.4.3
“Enhanced PWM Auto-shutdown mode”. An auto-
shutdown event will only affect pins that have PWM
outputs enabled.
FIGURE 23-18:
SIMPLIFIED STEERING
BLOCK DIAGRAM
Note:
The associated TRIS bits must be set to
output (‘0’) to enable the pin output driver
in order to see the PWM signal on the pin.
1
0
TRIS
P1A pin
PORT Data
P1A Signal
STR1A
1
0
TRIS
P1B pin
PORT Data
STR1B
1
0
TRIS
P1C pin(3)
PORT Data
STR1C
1
0
TRIS
P1D pin(3)
PORT Data
STR1D
Note 1: Port outputs are configured as shown when
the CCP1CON register bits P1M<1:0> = 00
and CCP1M<3:2> = 11.
2: Single PWM output requires setting at least
one of the STR1 bits.
3: PIC16F/LF1823 only.
CCP1M1
CCP1M0
CCP1M1
CCP1M0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com