Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 222 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 222 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 218Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 219Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 220Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 221Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 222Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 223Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 224Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 225Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 226Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 222
Preliminary
 2010 Microchip Technology Inc.
REGISTER 23-2:
CCP1AS: CCP1 AUTO-SHUTDOWN CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
CCP1ASE
CCP1AS<2:0>
PSS1AC<1:0>
PSS1BD<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
CCP1ASE: CCP1 Auto-Shutdown Event Status bit
1 = A shutdown event has occurred; CCP1 outputs are in shutdown state
0 = CCP1 outputs are operating
bit 6-4
CC1PAS<2:0>: CCP1 Auto-Shutdown Source Select bits
000 = Auto-shutdown is disabled
001 = Comparator C1 output low(1)
010 = Comparator C2 output low(1, 2)
011 = Either Comparator C1 or C2 low(1, 2)
100 =VIL on INT pin
101 =VIL on INT pin or Comparator C1 low(1)
110 =VIL on INT pin or Comparator C2 low(1, 2)
111 =VIL on INT pin or Comparator C1 or Comparator C2 low(1, 2)
bit 3-2
PSS1AC<1:0>: Pins P1A and P1C Shutdown State Control bits(2)
00 = Drive pins P1A and P1C to ‘0’ (2)
01 = Drive pins P1A and P1C to ‘1’ (2)
1x = Pins P1A and P1C tri-state(2)
bit 1-0
PSS1BD<1:0>: Pins P1B and P1D Shutdown State Control bits(2)
00 = Drive pins P1B and P1D to ‘0’
01 = Drive pins P1B and P1D to ‘1’
1x = Pins P1B and P1D tri-state
Note 1:
If C1SYNC is enabled, the shutdown will be delayed by Timer1.
2:
C2, P1C and P1D available on PIC16F/LF1823 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com