Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 233 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 233 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 229Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 230Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 231Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 232Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 233Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 234Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 235Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 236Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 237Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 233
PIC12F/LF1822/16F/LF1823
24.2.4
SPI SLAVE MODE
In Slave mode, the data is transmitted and received as
external clock pulses appear on SCK. When the last
bit is latched, the SSP1IF interrupt flag bit is set.
Before enabling the module in SPI Slave mode, the clock
line must match the proper Idle state. The clock line can
be observed by reading the SCK pin. The Idle state is
determined by the CKP bit of the SSP1CON1 register.
While in Slave mode, the external clock is supplied by
the external clock source on the SCK pin. This external
clock must meet the minimum high and low times as
specified in the electrical specifications.
While in Sleep mode, the slave can transmit/receive
data. The shift register is clocked from the SCK pin
input and when a byte is received, the device will gen-
erate an interrupt. If enabled, the device will wake-up
from Sleep.
24.2.4.1
Daisy-Chain Configuration
The SPI bus can sometimes be connected in a
daisy-chain configuration. The first slave output is con-
nected to the second slave input, the second slave
output is connected to the third slave input, and so on.
The final slave output is connected to the master input.
Each slave sends out, during a second group of clock
pulses, an exact copy of what was received during the
first group of clock pulses. The whole chain acts as
one
large
communication
shift
register.
The
daisy-chain feature only requires a single Slave Select
line from the master device.
Figure 24-7 shows the block diagram of a typical
daisy-chain connection when operating in SPI Mode.
In a daisy-chain configuration, only the most recent
byte on the bus is required by the slave. Setting the
BOEN bit of the SSP1CON3 register will enable writes
to the SSP1BUF register, even if the previous byte has
not been read. This allows the software to ignore data
that may not apply to it.
24.2.5
SLAVE SELECT
SYNCHRONIZATION
The Slave Select can also be used to synchronize com-
munication. The Slave Select line is held high until the
master device is ready to communicate. When the
Slave Select line is pulled low, the slave knows that a
new transmission is starting.
If the slave fails to receive the communication properly,
it will be reset at the end of the transmission, when the
Slave Select line returns to a high state. The slave is
then ready to receive a new transmission when the
Slave Select line is pulled low again. If the Slave Select
line is not used, there is a risk that the slave will even-
tually become out of sync with the master. If the slave
misses a bit, it will always be one bit off in future trans-
missions. Use of the Slave Select line allows the slave
and master to align themselves at the beginning of
each transmission.
The SS pin allows a Synchronous Slave mode. The
SPI must be in Slave mode with SS pin control enabled
(SSP1CON1<3:0> = 0100).
When the SS pin is low, transmission and reception are
enabled and the SDO pin is driven.
When the SS pin goes high, the SDO pin is no longer
driven, even if in the middle of a transmitted byte and
becomes a floating output. External pull-up/pull-down
resistors may be desirable depending on the applica-
tion.
When the SPI module resets, the bit counter is forced
to ‘0’. This can be done by either forcing the SS pin to
a high level or clearing the SSP1EN bit.
Note 1: When the SPI is in Slave mode with SS pin
control enabled (SSP1CON1<3:0> =
0100), the SPI module will reset if the SS
pin is set to VDD.
2: When the SPI is used in Slave mode with
CKE set; the user must enable SS pin
control.
3: While operated in SPI Slave mode the
SMP bit of the SSP1STAT register must
remain clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com