Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 236 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 236 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 232Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 233Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 234Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 235Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 236Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 237Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 238Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 239Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 240Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 236
Preliminary
 2010 Microchip Technology Inc.
24.2.6
SPI OPERATION IN SLEEP MODE
In SPI Master mode, module clocks may be operating
at a different speed than when in full power mode; in
the case of the Sleep mode, all clocks are halted.
Special care must be taken by the user when the
MSSP1 clock is much faster than the system clock.
In Slave mode, when MSSP1 interrupts are enabled,
after the master completes sending data, an MSSP1
interrupt will wake the controller from Sleep.
If an exit from Sleep mode is not desired, MSSP1
interrupts should be disabled.
In SPI Master mode, when the Sleep mode is selected,
all module clocks are halted and the transmis-
sion/reception will remain in that state until the device
wakes. After the device returns to Run mode, the mod-
ule will resume transmitting and receiving data.
In SPI Slave mode, the SPI Transmit/Receive Shift
register operates asynchronously to the device. This
allows the device to be placed in Sleep mode and data
to be shifted into the SPI Transmit/Receive Shift
register. When all 8 bits have been received, the
MSSP1 interrupt flag bit will be set and if enabled, will
wake the device.
TABLE 24-1:
SUMMARY OF REGISTERS ASSOCIATED WITH SPI OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
—ANSA4
—
ANSA2
ANSA1
ANSA0
122
ANSELC
—
—
—
—
ANSC3
ANSC2
ANSC1
ANSC0
126
APFCON
RXDTSEL
SDOSEL
SSSEL
—
T1GSEL
TXCKSEL
P1BSEL
CCP1SEL
118
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
89
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
90
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
92
SSP1BUF
Synchronous Serial Port Receive Buffer/Transmit Register
229*
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
275
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
277
SSP1STAT
SMP
CKE
D/A
P
S
R/W
UA
BF
274
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
121
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
125
Legend:
— = Unimplemented location, read as ‘0’. Shaded cells are not used by the MSSP1 in SPI mode.
*
Page provides register information.
Note 1:
PIC16F/LF1823 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com