Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 349 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 349 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 345Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 346Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 347Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 348Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 349Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 350Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 351Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 352Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 353Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 349
PIC12F/LF1822/16F/LF1823
TABLE 29-2:
OSCILLATOR PARAMETERS
TABLE 29-3:
PLL CLOCK TIMING SPECIFICATIONS (VDD = 2.7V TO 5.5V)
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
TA +125°C
Param
No.
Sym.
Characteristic
Freq.
Tolerance
Min.
Typ†
Max.
Units
Conditions
OS08
HFOSC
Internal Calibrated HFINTOSC
Frequency(2)
2%
—
16.0
—
MHz
0°C
 TA  +60°C, VDD  2.5V
2.5%
—
16.0
—
MHz
60°C
 TA  +85°C, VDD  2.5V
5%
—
16.0
—
MHz
-40°C
 TA  +125°C
OS08A MFOSC
Internal Calibrated MFINTOSC
Frequency(2)
2%
—
500
—
kHz
60°C
 TA  +60°C, VDD  2.5V
2.5%
—
500
—
kHz
0°C
 TA  +85°C, VDD  2.5V
5%
—
500
—
kHz
-40°C
 TA  +125°C
OS10*
TIOSC ST HFINTOSC
Wake-up from Sleep Start-up Time
MFINTOSC
Wake-up from Sleep Start-up Time
—
—
—
—
5
20
8
30
s
s
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device executing code.
Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected current con-
sumption. All devices are tested to operate at “min” values with an external clock applied to the OSC1 pin. When an exter-
nal clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
2: To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to the device as
possible. 0.1
F and 0.01 F values in parallel are recommended.
3: By design.
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
F10
FOSC Oscillator Frequency Range
4
—
8
MHz
F11
FSYS
On-Chip VCO System Frequency
16
—
32
MHz
F12
TRC
PLL Start-up Time (Lock Time)
—
—
2
ms
F13*
CLK CLKOUT Stability (Jitter)
-0.25%
—
+0.25%
%
* These parameters are characterized but not tested.
† Data in “Typ” column is at 3V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com