Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 351 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 351 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 347Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 348Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 349Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 350Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 351Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 352Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 353Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 354Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 355Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 351
PIC12F/LF1822/16F/LF1823
TABLE 29-4:
CLKOUT AND I/O TIMING PARAMETERS
FIGURE 29-8:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
TA +125°C
Param
No.
Sym.
Characteristic
Min.
Typ† Max. Units
Conditions
OS11
TosH2ckL FOSC
 to CLKOUT (1)
——
70
ns
VDD = 3.3-5.0V
OS12
TosH2ckH FOSC
 to CLKOUT (1)
——
72
ns
VDD = 3.3-5.0V
OS13
TckL2ioV
CLKOUT
 to Port out valid(1)
——
20
ns
OS14
TioV2ckH
Port input valid before CLKOUT
(1)
TOSC + 200 ns
—
—
ns
OS15
TosH2ioV
Fosc
 (Q1 cycle) to Port out valid
—
50
70*
ns
VDD = 3.3-5.0V
OS16
TosH2ioI
Fosc
 (Q2 cycle) to Port input invalid
(I/O in hold time)
50
—
—
ns
VDD = 3.3-5.0V
OS17
TioV2osH Port input valid to Fosc
(Q2 cycle)
(I/O in setup time)
20
—
—
ns
OS18
TioR
Port output rise time(2)
—
—
40
15
72
32
ns
VDD = 1.8V
VDD = 3.3-5.0V
OS19
TioF
Port output fall time(2)
—
—
28
15
55
30
ns
VDD = 1.8V
VDD = 3.3-5.0V
OS20* Tinp
INT pin input high or low time
25
—
—
ns
OS21* Tioc
Interrupt-on-change new input level
time
25
—
—
ns
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25
C unless otherwise stated.
Note 1: Measurements are taken in RC mode where CLKOUT output is 4 x TOSC.
2: Includes OSC2 in CLKOUT mode.
VDD
MCLR
Internal
POR
PWRT
Time-out
OSC
Start-Up Time
Internal Reset(1)
Watchdog Timer
33
32
30
31
34
I/O pins
34
Note 1: Asserted low.
Reset(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com