Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4611 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4611
Description  Ultralow VIN, 15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4611 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4611 Datasheet HTML 9Page - Linear Technology LTM4611 Datasheet HTML 10Page - Linear Technology LTM4611 Datasheet HTML 11Page - Linear Technology LTM4611 Datasheet HTML 12Page - Linear Technology LTM4611 Datasheet HTML 13Page - Linear Technology LTM4611 Datasheet HTML 14Page - Linear Technology LTM4611 Datasheet HTML 15Page - Linear Technology LTM4611 Datasheet HTML 16Page - Linear Technology LTM4611 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM4611

4611f
enabled by tying the MODE_PLLIN pin to GND. In this
mode, inductor current is allowed to reverse during low
output loads, the ITH voltage is in control of the current
comparator threshold throughout, and the top MOSFET
alwaysturnsonwitheachoscillatorpulse.Duringstart-up,
forced continuous mode is disabled and inductor current
is prevented from reversing until the LTM4611’s output
voltage is in regulation.
Multiphase Operation
For outputs that demand more than 15A of load current,
multiple LTM4611 devices can be paralleled to provide
more output current without increasing input and output
voltageripples.TheMODE_PLLINpinallowstheLTM4611
to be synchronized to an external clock (between 360kHz
to 710kHz) and the internal phase-locked loop allows the
LTM4611 to lock onto input clock phase as well. The PLL-
FLTR/fSET pin has the onboard loop filter for the PLL. See
Figures 18 and 19 for a synchronizing example circuit.
A multiphase power supply significantly reduces the
amount of ripple current in both the input and output ca-
pacitors. The RMS input ripple current is reduced by, and
the effective ripple frequency is multiplied by, the number
of phases used (assuming that the input voltage is greater
than the number of phases used times the output voltage).
The output ripple amplitude is also reduced by the number
of phases used. See Application Note 77.
The LTM4611 device is an inherently current mode con-
trolled device, so parallel modules will have good current
sharing. This will balance the thermals on the design.
Tie the COMP, VOUT_LCL and VFB pins of each LTM4611
together to share the current evenly. In addition, tie the
respectiveTRACK/SSandRUNpinsofparalleledLTM4611
devices together, to ensure proper start-up and shutdown
behavior. Figures 18 and 19 show schematics of LTM4611
devices operating in parallel.
Input RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of
multiphase operation. The input RMS ripple current can-
cellation mathematical derivations are presented, and a
graph is displayed representing the RMS ripple current
reductionasafunctionofthenumberofinterleavedphases
(see Figure 2).
applicaTions inForMaTion
Figure 2. Normalized Input RMS Ripple Current vs Duty Factor for One to Six µModules (Phases)
0.75 0.8
4617#3EM F02
0.7
0.65
0.6
0.55
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.85 0.9
DUTY FACTOR (VOUT/VIN)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
1 PHASE
2 PHASE
3 PHASE
4 PHASE
6 PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com