Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F526-I/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F526-I/ST
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-I/ST Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F526-I/ST Datasheet HTML 1Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 2Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 3Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 4Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 5Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 6Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 7Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 8Page - Microchip Technology PIC16F526-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 3
PIC16F526
High-Performance RISC CPU:
• Only 33 Single-Word Instructions
• All Single-Cycle Instructions except for Program
Branches which are Two-Cycle
• Two-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
for Data and Instructions
• Operating Speed:
- DC – 20 MHz crystal oscillator
- DC – 200 ns instruction cycle
• On-chip Flash Program Memory:
- 1024 x 12
• General Purpose Registers (SRAM):
-67 x 8
• Flash Data Memory:
-64 x 8
Special Microcontroller Features:
• 8 MHz Precision Internal Oscillator:
- Factory calibrated to ±1%
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit Debugging (ICD) Support
• Power-On Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with Dedicated On-Chip
RC Oscillator for Reliable Operation
• Programmable Code Protection
• Multiplexed MCLR Input Pin
• Internal Weak Pull-ups on I/O Pins
• Power-Saving Sleep mode
• Wake-Up from Sleep on Pin Change
• Selectable Oscillator Options:
- INTRC: 4 MHz or 8 MHz precision Internal
RC oscillator
- EXTRC: External low-cost RC oscillator
- XT:
Standard crystal/resonator
- HS:
High-speed crystal/resonator
- LP:
Power-saving, low-frequency crystal
- EC:
High-speed external clock input
Low-Power Features/CMOS Technology:
• Standby current:
- 100 nA @ 2.0V, typical
• Operating current:
-11
A @ 32 kHz, 2.0V, typical
-175
A @ 4 MHz, 2.0V, typical
• Watchdog Timer current:
-1
A @ 2.0V, typical
-7
A @ 5.0V, typical
• High Endurance Program and Flash Data Memory
cells:
- 100,000 write Program Memory endurance
- 1,000,000 write Flash Data Memory endurance
- Program and Flash Data retention: >40 years
• Fully Static Design
• Wide Operating Voltage Range: 2.0V to 5.5V:
- Wide temperature range
- Industrial: -40
C to +85C
- Extended: -40
C to +125C
Peripheral Features:
• 12 I/O Pins:
- 11 I/O pins with individual direction control
- 1 input-only pin
- High current sink/source for direct LED drive
- Wake-up on change
- Weak pull-ups
• 8-bit Real-time Clock/Counter (TMR0) with 8-bit
Programmable Prescaler
• Two Analog Comparators:
- Comparator inputs and output accessible
externally
- One comparator with 0.6V fixed on-chip
absolute voltage reference (VREF)
- One comparator with programmable on-chip
voltage reference (VREF)
• Analog-to-Digital (A/D) Converter:
- 8-bit resolution
- 3-channel external programmable inputs
- 1-channel internal input to internal absolute
0.6 voltage reference
Device
Program
Memory
Data Memory
I/O
Comparators
Timers 8-bit
8-bit A/D
Channels
Flash (words) SRAM (bytes)
Flash
(bytes)
PIC16F526
1024
67
64
12
2
1
3
14-Pin, 8-Bit Flash Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com