Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-E/P Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC12F1822-E/P
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/P Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC12F1822-E/P Datasheet HTML 67Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 68Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 69Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 70Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 71Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 72Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 73Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 74Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 71
PIC12F/LF1822/16F/LF1823
6.0
REFERENCE CLOCK MODULE
The reference clock module provides the ability to send
a divided clock to the clock output pin of the device
(CLKR) and provide a secondary internal clock source
to the modulator module. This module is available in all
oscillator configurations and allows the user to select a
greater range of clock submultiples to drive external
devices in the application. The reference clock module
includes the following features:
• System clock is the source
• Available in all oscillator configurations
• Programmable clock divider
• Output enable to a port pin
• Selectable duty cycle
• Slew rate control
The reference clock module is controlled by the CLKR-
CON register (Register 6-1) and is enabled when set-
ting the CLKREN bit. To output the divided clock signal
to the CLKR port pin, the CLKROE bit must be set. The
CLKRDIV<2:0> bits enable the selection of 8 different
clock divider options. The CLKRDC<1:0> bits can be
used to modify the duty cycle of the output clock(1). The
CLKRSLR bit controls slew rate limiting.
For information on using the reference clock output
with the modulator module, see Section 22.0 “Data
Signal Modulator”.
6.1
Slew rate
The slew rate limitation on the output port pin can be
disabled. The Slew Rate limitation can be removed by
clearing the CLKRSLR bit in the CLKRCON register.
6.2
Effects of a Reset
Upon any device Reset, the reference clock module is
disabled. The user’s firmware is responsible for
initializing the module before enabling the output. The
registers are reset to their default values.
6.3
Conflicts with the CLKR pin
There are two cases when the reference clock output
signal cannot be output to the CLKR pin, if:
• LP, XT, or HS oscillator mode is selected.
• CLKOUT function is enabled.
Even if either of these cases are true, the module can
still be enabled and the reference clock signal may be
used in conjunction with the modulator module.
6.3.1
OSCILLATOR MODES
If LP, XT, or HS oscillator modes are selected, the
OSC2/CLKR pin must be used as an oscillator input pin
and the CLKR output cannot be enabled. See
Section 5.2 “Clock Source Types” for more informa-
tion on different oscillator modes.
6.3.2
CLKOUT FUNCTION
The CLKOUT function has a higher priority than the
reference clock module. Therefore, if the CLKOUT
function is enabled by the CLKOUTEN bit in Configura-
tion Word 1, FOSC/4 will always be output on the port
pin. Reference Section 4.0 “Device Configuration”
for more information.
6.4
Operation During Sleep
As the reference clock module relies on the system
clock as its source, and the system clock is disabled in
Sleep, the module does not function in Sleep, even if
an external clock source or the Timer1 clock source is
configured as the system clock. The module outputs
will remain in their current state until the device exits
Sleep.
Note 1: If the base clock rate is selected without a
divider, the output clock will always have
a duty cycle equal to that of the source
clock, unless a 0% duty cycle is selected.
If the clock divider is set to base clock/2,
then 25% and 75% duty cycle accuracy
will be dependent upon the source clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com