Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F526-E/ST Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16F526-E/ST
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-E/ST Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16F526-E/ST Datasheet HTML 83Page - Microchip Technology PIC16F526-E/ST Datasheet HTML 84Page - Microchip Technology PIC16F526-E/ST Datasheet HTML 85Page - Microchip Technology PIC16F526-E/ST Datasheet HTML 86Page - Microchip Technology PIC16F526-E/ST Datasheet HTML 87Page - Microchip Technology PIC16F526-E/ST Datasheet HTML 88Page - Microchip Technology PIC16F526-E/ST Datasheet HTML 89Page - Microchip Technology PIC16F526-E/ST Datasheet HTML 90Page - Microchip Technology PIC16F526-E/ST Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 87
PIC16F526
TABLE 14-1:
DC CHARACTERISTICS: PIC16F526 (Industrial, Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
-40°C
 TA  +85°C (industrial)
-40°C
 TA  +125°C (extended)
Operating voltage VDD range as described in DC spec.
Param
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
VIL
Input Low Voltage
I/O ports
D030
with TTL buffer
Vss
—
0.8
V
For all 4.5
 VDD 5.5V
D030A
Vss
—
0.15 VDD
V
Otherwise
D031
with Schmitt Trigger buffer
Vss
—
0.15 VDD
V
D032
MCLR, T0CKI
Vss
—
0.15 VDD
V
D033
OSC1 (EXTRC mode), EC(1)
Vss
—
0.15 VDD
V
D033
OSC1 (HS mode)
Vss
—
0.3 VDD
V
D033
OSC1 (XT and LP modes)
Vss
—
0.3
V
VIH
Input High Voltage
I/O ports
—
D040
with TTL buffer
2.0
—
VDD
V4.5
 VDD 5.5V
D040A
0.25VDD
+ 0.8V
—VDD
V
Otherwise
D041
with Schmitt Trigger buffer
0.85VDD
—VDD
V
For entire VDD range
D042
MCLR, T0CKI
0.85VDD
—VDD
V
D042A
OSC1 (EXTRC mode), EC(1)
0.85VDD
—VDD
V
D042A
OSC1 (HS mode)
0.7VDD
—VDD
V
D043
OSC1 (XT and LP modes)
1.6
—
VDD
V
D070
IPUR
PORTB weak pull-up current(4)
50
250
400
AVDD = 5V, VPIN = VSS
IIL
Input Leakage Current(2,5)
D060
I/O ports
—
—
±1
AVss VPIN VDD, Pin at high-impedance
D061
RB3/MCLR(3)
—±0.7
±5
AVss VPIN VDD
D063
OSC1
—
—
±5
AVss VPIN VDD, XT, HS and LP osc
configuration
VOL
Output Low Voltage
D080
I/O ports/CLKOUT
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V, –40
C to +85C
D080A
—
—
0.6
V
IOL = 7.0 mA, VDD = 4.5V, –40
C to +125C
VOH
Output High Voltage
D090
I/O ports/CLKOUT
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V, –40
C to +85C
D090A
VDD – 0.7
—
—
V
IOH = -2.5 mA, VDD = 4.5V, –40
C to +125C
Capacitive Loading Specs on Output Pins
D100
COSC2 OSC2 pin
—
—
15
pF
In XT, HS and LP modes when external clock is
used to drive OSC1.
D101
CIO
All I/O pins and OSC2
—
—
50
pF
Flash Data Memory
D120
ED
Byte endurance
100K
1M
—
E/W
–40
C  TA  +85C
D120A ED
Byte endurance
10K
100K
—
E/W
+85
C  TA  +125C
D121
VDRW VDD for read/write
VMIN
—5.5
V
†
Data in “Typ” column is at 5V, 25
C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note 1: In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16F526 be driven with external clock in RC mode.
2: Negative current is defined as coming out of the pin.
3: This spec. applies to RB3/MCLR configured as RB3 with pull-up disabled.
4: This spec. applies to all weak pull-up devices, including the weak pull-up found on RB3/MCLR. The current value listed
will be the same whether or not the pin is configured as RB3 with pull-up enabled or as MCLR.
5: The leakage current on the nMCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage may be measured at different input voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com