Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F629-E/MD Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC12F629-E/MD
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-E/MD Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC12F629-E/MD Datasheet HTML 5Page - Microchip Technology PIC12F629-E/MD Datasheet HTML 6Page - Microchip Technology PIC12F629-E/MD Datasheet HTML 7Page - Microchip Technology PIC12F629-E/MD Datasheet HTML 8Page - Microchip Technology PIC12F629-E/MD Datasheet HTML 9Page - Microchip Technology PIC12F629-E/MD Datasheet HTML 10Page - Microchip Technology PIC12F629-E/MD Datasheet HTML 11Page - Microchip Technology PIC12F629-E/MD Datasheet HTML 12Page - Microchip Technology PIC12F629-E/MD Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
 2010 Microchip Technology Inc.
DS41190G-page 9
PIC12F629/675
2.0
MEMORY ORGANIZATION
2.1
Program Memory Organization
The PIC12F629/675 devices have a 13-bit program
counter capable of addressing an 8K x 14 program
memory space. Only the first 1K x 14 (0000h-03FFh)
for the PIC12F629/675 devices is physically imple-
mented. Accessing a location above these boundaries
will cause a wrap-around within the first 1K x 14 space.
The Reset vector is at 0000h and the interrupt vector is
at 0004h (see Figure 2-1).
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
DSTEMP/675
2.2
Data Memory Organization
The data memory (see Figure 2-2) is partitioned into
two banks, which contain the General Purpose
Registers and the Special Function Registers. The
Special Function Registers are located in the first 32
locations of each bank. Register locations 20h-5Fh are
General Purpose Registers, implemented as static
RAM and are mapped across both banks. All other
RAM is unimplemented and returns ‘0’ when read. RP0
(STATUS<5>) is the bank select bit.
•RP0 = 0 Bank 0 is selected
•RP0 = 1 Bank 1 is selected
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file is organized as 64 x 8 in the
PIC12F629/675 devices. Each register is accessed,
either directly or indirectly, through the File Select
Register FSR (see Section 2.4 “Indirect Addressing,
INDF and FSR Registers”).
PC<12:0>
13
000h
0004
0005
03FFh
0400h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Note:
The IRP and RP1 bits STATUS<7:6> are
reserved and should always be maintained
as ‘0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com