Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F526T-E/ST Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16F526T-E/ST
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526T-E/ST Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16F526T-E/ST Datasheet HTML 40Page - Microchip Technology PIC16F526T-E/ST Datasheet HTML 41Page - Microchip Technology PIC16F526T-E/ST Datasheet HTML 42Page - Microchip Technology PIC16F526T-E/ST Datasheet HTML 43Page - Microchip Technology PIC16F526T-E/ST Datasheet HTML 44Page - Microchip Technology PIC16F526T-E/ST Datasheet HTML 45Page - Microchip Technology PIC16F526T-E/ST Datasheet HTML 46Page - Microchip Technology PIC16F526T-E/ST Datasheet HTML 47Page - Microchip Technology PIC16F526T-E/ST Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 122 page
background image
PIC16F526
DS41326D-page 44
 2010 Microchip Technology Inc.
REGISTER 8-1:
CONFIG: CONFIGURATION WORD REGISTER
CPDF
IOSCFS
MCLRE
CP
WDTE
FOSC2
FOSC1
FOSC0
bit 7
bit 0
bit 7
CPDF: Code Protection bit – Flash Data Memory
1 = Code protection off
0 = Code protection on
bit 6
IOSCFS: Internal Oscillator Frequency Select bit
1 = 8 MHz INTOSC frequency
0 = 4 MHz INTOSC frequency
bit 5
MCLRE: Master Clear Enable bit
1 = RB3/MCLR pin functions as MCLR
0 = RB3/MCLR pin functions as RB3, MCLR internally tied to VDD
bit 4
CP: Code Protection bit – User Program Memory
1 = Code protection off
0 = Code protection on
bit 3
WDTE: Watchdog Timer Enable bit
1 = WDT enabled
0 = WDT disabled
bit 2-0
FOSC<2:0>: Oscillator Selection bits
000 = LP oscillator and 18 ms DRT
001 = XT oscillator and 18 ms DRT
010 = HS oscillator and 18 ms DRT
011 = EC oscillator with RB4 function on RB4/OSC2/CLKOUT and 1 ms DRT(1)
100 = INTRC with RB4 function on RB4/OSC2/CLKOUT and 1 ms DRT(1)
101 = INTRC with CLKOUT function on RB4/OSC2/CLKOUT and 1 ms DRT(1)
110 = EXTRC with RB4 function on RB4/OSC2/CLKOUT and 1 ms DRT(1)
111 = EXTRC with CLKOUT function on RB4/OSC2/CLKOUT and 1 ms DRT(1)
Note 1: Refer to the “PIC16F526 Memory Programming Specification”, DS41317 to determine how to access the
Configuration Word.
2: DRT length (18 ms or 1 ms) is a function of Clock mode selection. It is the responsibility of the application
designer to ensure the use of either 18 ms (nominal) DRT or the 1 ms (nominal) DRT will result in
acceptable operation. Refer to Section 14.1 “DC Characteristics: PIC16F526 (Industrial)” and
Section 14.2 “DC Characteristics: PIC16F526 (Extended)” for VDD rise time and stability requirements
for this mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com