Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F707-I/ML Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16F707-I/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707-I/ML Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16F707-I/ML Datasheet HTML 45Page - Microchip Technology PIC16F707-I/ML Datasheet HTML 46Page - Microchip Technology PIC16F707-I/ML Datasheet HTML 47Page - Microchip Technology PIC16F707-I/ML Datasheet HTML 48Page - Microchip Technology PIC16F707-I/ML Datasheet HTML 49Page - Microchip Technology PIC16F707-I/ML Datasheet HTML 50Page - Microchip Technology PIC16F707-I/ML Datasheet HTML 51Page - Microchip Technology PIC16F707-I/ML Datasheet HTML 52Page - Microchip Technology PIC16F707-I/ML Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 284 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41418A-page 49
PIC16F707/PIC16LF707
5.0
LOW DROPOUT (LDO)
VOLTAGE REGULATOR
The PIC16F707 has an internal Low Dropout Regulator
(LDO) which provides operation above 3.6V. The LDO
regulates a voltage for the internal device logic while
permitting the VDD and I/O pins to operate at a higher
voltage. There is no user enable/disable control
available for the LDO, it is always active. The
PIC16LF707 operates at a maximum VDD of 3.6V and
does not incorporate an LDO.
A device I/O pin may be configured as the LDO voltage
output, identified as the VCAP pin. Although not
required, an external low-ESR capacitor may be
connected to the VCAP pin for additional regulator
stability.
The VCAPEN<1:0> bits of Configuration Word 2
determines which pin is assigned as the VCAP pin.
Refer to Table 5-1.
On power-up, the external capacitor will load the LDO
voltage regulator. To prevent erroneous operation, the
device is held in Reset while a constant current source
charges the external capacitor. After the cap is fully
charged, the device is released from Reset. For more
information on recommended capacitor values and the
constant current rate, refer to the LDO Regulator
Characteristics Table in Section 25.0 “Electrical
Specifications”.
TABLE 5-2:
SUMMARY OF CONFIGURATION WORD WITH LDO
TABLE 5-1:
VCAPEN<1:0> SELECT BITS
VCAPEN<1:0>
Pin
00
RA0
01
RA5
10
RA6
11
No VCAP
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG2
13:8
—
—
—
—
—
—
—
—
76
7:0
—
—
VCAPEN1(1) VCAPEN0(1)
—
—
—
—
Legend:
— = unimplemented locations read as ‘0’. Shaded cells are not used by LDO.
Note 1:
PIC16F707 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com