Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1826 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16F1826
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1826 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16F1826 Datasheet HTML 10Page - Microchip Technology PIC16F1826 Datasheet HTML 11Page - Microchip Technology PIC16F1826 Datasheet HTML 12Page - Microchip Technology PIC16F1826 Datasheet HTML 13Page - Microchip Technology PIC16F1826 Datasheet HTML 14Page - Microchip Technology PIC16F1826 Datasheet HTML 15Page - Microchip Technology PIC16F1826 Datasheet HTML 16Page - Microchip Technology PIC16F1826 Datasheet HTML 17Page - Microchip Technology PIC16F1826 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 406 page
background image
PIC16F/LF1826/27
DS41391C-page 14
Preliminary
 2010 Microchip Technology Inc.
RA6/OSC2/CLKOUT/CLKR/
P1D(1)/P2B(1,2)/SDO1(1)
RA6
TTL
CMOS General purpose I/O.
OSC2
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKOUT
CMOS FOSC/4 output.
CLKR
CMOS Clock Reference Output.
P1D
CMOS PWM output.
P2B
CMOS PWM output.
SDO1
CMOS SPI data output 1.
RA7/OSC1/CLKIN/P1C(1)/
CCP2(1,2)/P2A(1,2)
RA7
TTL
CMOS General purpose I/O.
OSC1
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKIN
CMOS
External clock input (EC mode).
P1C
CMOS PWM output.
CCP2
ST
CMOS Capture/Compare/PWM2.
P2A
CMOS PWM output.
RB0/T1G/CCP1(1)/P1A(1)/INT/
SRI/FLT0
RB0
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
T1G
ST
Timer1 Gate input.
CCP1
ST
CMOS Capture/Compare/PWM1.
P1A
CMOS PWM output.
INT
ST
External interrupt.
SRI
ST
SR latch input.
FLT0
ST
ECCP Auto-Shutdown Fault input.
RB1/AN11/CPS11/RX(1,3)/
DT(1,3)/SDA1/SDI1
RB1
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN11
AN
A/D Channel 11 input.
CPS11
AN
Capacitive sensing input 11.
RX
ST
USART asynchronous input.
DT
ST
CMOS USART synchronous data.
SDA1
I2C™
OD
I2C™ data input/output 1.
SDI1
CMOS
SPI data input 1.
RB2/AN10/CPS10/MDMIN/
TX(1,3)/CK(1,3)/RX(1)/DT(1)/
SDA2(2)/SDI2(2)/SDO1(1,3)
RB2
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN10
AN
A/D Channel 10 input.
CPS10
AN
Capacitive sensing input 10.
MDMIN
CMOS Modulator source input.
TX
CMOS USART asynchronous transmit.
CK
ST
CMOS USART synchronous clock.
RX
ST
USART asynchronous input.
DT
ST
CMOS USART synchronous data.
SDA2
I2C™
OD
I2C™ data input/output 2.
SDI2
ST
SPI data input 2.
SDO1
CMOS SPI data output 1.
TABLE 1-2:
PIC16F/LF1826/27 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1: Pin functions can be moved using the APFCON0 or APFCON1 register.
2: Functions are only available on the PIC16F/LF1827.
3: Default function location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com