Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F707-E/P Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC16F707-E/P
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707-E/P Datasheet(HTML) 4 Page - Microchip Technology

  PIC16F707-E/P Datasheet HTML 1Page - Microchip Technology PIC16F707-E/P Datasheet HTML 2Page - Microchip Technology PIC16F707-E/P Datasheet HTML 3Page - Microchip Technology PIC16F707-E/P Datasheet HTML 4Page - Microchip Technology PIC16F707-E/P Datasheet HTML 5Page - Microchip Technology PIC16F707-E/P Datasheet HTML 6Page - Microchip Technology PIC16F707-E/P Datasheet HTML 7Page - Microchip Technology PIC16F707-E/P Datasheet HTML 8Page - Microchip Technology PIC16F707-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 284 page
background image
PIC16F707/PIC16LF707
DS41418A-page 4
Preliminary
 2010 Microchip Technology Inc.
• Synchronous Serial Port (SSP):
- SPI (Master/Slave)
-I2C™ (Slave) with Address Mask
• Voltage Reference module:
- Fixed voltage reference (FVR) with 1.024V,
2.048V and 4.096V output levels
- 5-bit rail-to-rail resistive DAC with positive
reference selection
Pin Diagrams
Device
Program
Memory Flash
(words)
SRAM
(bytes)
I/Os
Capacitive Touch
Channels
8-bit A/D
(ch)
AUSART
CCP
Timers
8/16-bit
PIC16F707
8192
363
36
32
14
Yes
2
4/2
PIC16LF707
8192
363
36
32
14
Yes
2
4/2
40-PIN PDIP
1
2
3
4
5
6
7
8
9
10
VPP/MCLR/RE3
VCAP(3)/SS(2)/AN0/RA0
CPSA0/AN1/RA1
DACOUT/CPSA1/AN2/RA2
CPSA2/VREF/AN3/RA3
TACKI/T0CKI/CPSA3/RA4
VCAP(3)/SS(2)/CPSA4/AN4/RA5
CPSA5/AN5/RE0
CPSA6/AN6/RE1
CPSA7/AN7/RE2
RB6/CPSB14/ICSPCLK
RB5/AN13/CPSB13/T1G/T3CKI
RB4/AN11/CPSB12
RB3/AN9/CPSB11/CCP2(1)
RB2/AN8/CPSB10
RB1/AN10/CPSB9
RB0/AN12/CPSB8/INT
VDD
VSS
RD2/CPSB7
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VDD
VSS
CLKIN/OSC1/CPSB0/RA7
VCAP(3)/CLKOUT/OSC2/CPSB1/RA6
T1CKI/T1OSO/CPSB2/RC0
CCP2(1)/T1OSI/CPSB3/RC1
TBCKI/CCP1/CPSB4/RC2
SCL/SCK/RC3
T3G/CPSB5/RD0
CPSB6/RD1
RC5/CPSA9/SDO
RC4/SDI/SDA
RD3/CPSA8
RD4/CPSA12
RC7/CPSA11/RX/DT
RC6/CPSA10/TX/CK
RD7/CPSA15
RD6/CPSA14
RD5/CPSA13
RB7/CPSB15/ICSPDAT
Note 1: CCP2 pin location may be selected as RB3 or RC1.
2: SS pin location may be selected as RA5 or RA0.
3: PIC16F707 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com