Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F675-E/MF Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC12F675-E/MF
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F675-E/MF Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC12F675-E/MF Datasheet HTML 17Page - Microchip Technology PIC12F675-E/MF Datasheet HTML 18Page - Microchip Technology PIC12F675-E/MF Datasheet HTML 19Page - Microchip Technology PIC12F675-E/MF Datasheet HTML 20Page - Microchip Technology PIC12F675-E/MF Datasheet HTML 21Page - Microchip Technology PIC12F675-E/MF Datasheet HTML 22Page - Microchip Technology PIC12F675-E/MF Datasheet HTML 23Page - Microchip Technology PIC12F675-E/MF Datasheet HTML 24Page - Microchip Technology PIC12F675-E/MF Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
 2010 Microchip Technology Inc.
DS41190G-page 21
PIC12F629/675
3.0
GPIO PORT
There are as many as six general purpose I/O pins
available. Depending on which peripherals are
enabled, some or all of the pins may not be available as
general purpose I/O. In general, when a peripheral is
enabled, the associated pin may not be used as a
general purpose I/O pin.
3.1
GPIO and the TRISIO Registers
GPIO is an 6-bit wide, bidirectional port. The
corresponding data direction register is TRISIO.
Setting a TRISIO bit (= 1) will make the corresponding
GPIO pin an input (i.e., put the corresponding output
driver in a High-Impedance mode). Clearing a TRISIO
bit (= 0) will make the corresponding GPIO pin an
output (i.e., put the contents of the output latch on the
selected pin). The exception is GP3, which is input-only
and its TRISIO bit will always read as ‘1’. Example 3-1
shows how to initialize GPIO.
Reading the GPIO register reads the status of the pins,
whereas writing to it will write to the PORT latch. All
write operations are read-modify-write operations.
Therefore, a write to a port implies that the port pins are
read, this value is modified, and then written to the
PORT data latch. GP3 reads ‘0’ when MCLREN = 1.
The TRISIO register controls the direction of the
GP pins, even when they are being used as analog
inputs. The user must ensure the bits in the TRISIO
register are maintained set when using them as analog
inputs. I/O pins configured as analog inputs always
read ‘0’.
EXAMPLE 3-1:
INITIALIZING GPIO
3.2
Additional Pin Functions
Every GPIO pin on the PIC12F629/675 has an
interrupt-on-change option and every GPIO pin, except
GP3, has a weak pull-up option. The next two sections
describe these functions.
3.2.1
WEAK PULL-UP
Each of the GPIO pins, except GP3, has an individually
configurable weak internal pull-up. Control bits WPUx
enable or disable each pull-up. Refer to Register 3-3.
Each weak pull-up is automatically turned off when the
port pin is configured as an output. The pull-ups are
disabled on a Power-on Reset by the GPPU bit
(OPTION<7>).
REGISTER 3-1:
GPIO: GPIO REGISTER (ADDRESS: 05h)
Note:
Additional information on I/O ports may be
found in the PIC® Mid-Range Reference
Manual, (DS33023).
Note:
The ANSEL (9Fh) and CMCON (19h)
registers (9Fh) must be initialized to
configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’. The ANSEL register is defined for
the PIC12F675.
BCF
STATUS,RP0
;Bank 0
CLRF
GPIO
;Init GPIO
MOVLW
07h
;Set GP<2:0> to
MOVWF
CMCON
;digital IO
BSF
STATUS,RP0
;Bank 1
CLRF
ANSEL
;Digital I/O
MOVLW
0Ch
;Set GP<3:2> as inputs
MOVWF
TRISIO
;and set GP<5:4,1:0>
;as outputs
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
GPIO<5:0>: General Purpose I/O pin
1 = Port pin is >VIH
0 = Port pin is <VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com