Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1824-E/ML Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC16F1824-E/ML
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1824-E/ML Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC16F1824-E/ML Datasheet HTML 118Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 119Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 120Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 121Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 122Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 123Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 124Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 125Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 420 page
background image
PIC16F/LF1824/1828
DS41419A-page 122
Preliminary
 2010 Microchip Technology Inc.
REGISTER 12-1:
APFCON0: ALTERNATE PIN FUNCTION CONTROL REGISTER 0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
R/W-0/0
U-0
U-0
RXDTSEL
SDOSEL(1)
SSSEL(1)
—
T1GSEL
TXCKSEL
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
RXDTSEL: Pin Selection
For 14 Pin Devices (PIC16F/LF1824)
0 =
RX/DT function is on RC5
1 =
RX/DT function is on RA1
For 20 Pin Devices (PIC16F/LF1828)
0 =
RX/DT function is on RB5
1 =
RX/DT function is on RC5
bit 6
SDOSEL: Pin Selection
For 14 Pin Devices (PIC16F/LF1824)
0 =
SDO function is on RC2
1 =
SDO function is on RA4
For 20 Pin Devices (PIC16F/LF1828)
Bit is Read-Only, ‘0’
SDO function is always on RC7
bit 5
SSSEL: Pin Selection
For 14 Pin Devices (PIC16F/LF1824)
0 =SS function is on RC3
1 =SS function is on RA3
For 20 Pin Devices (PIC16F/LF1828)
Bit is Read-Only, ‘0’
SDO function is always on RC6
bit 4
Unimplemented: Read as ‘0’
bit 3
T1GSEL: Pin Selection
0 =
T1G function is on RA4
1 =
T1G function is on RA3
bit 2
TXCKSEL: Pin Selection
For 14 Pin Devices (PIC16F/LF1824)
0 =
TX/CK function is on RC4
1 =
TX/CK function is on RA0
For 20 Pin Devices (PIC16F/LF1828)
0 =
TX/CK function is on RB7
1 =
TX/CK function is on RC4
bit 1-0
Unimplemented: Read as ‘0’
Note 1:
PIC16F/LF1824 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com