Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1824-E/ML Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16F1824-E/ML
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1824-E/ML Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16F1824-E/ML Datasheet HTML 120Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 121Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 122Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 123Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 124Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 125Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 126Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 127Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 420 page
background image
PIC16F/LF1824/1828
DS41419A-page 124
Preliminary
 2010 Microchip Technology Inc.
12.2
PORTA Registers
PORTA is a 6-bit wide, bidirectional port. The
corresponding data direction register is TRISA
(Register 12-4). Setting a TRISA bit (= 1) will make the
corresponding PORTA pin an input (i.e., disable the
output driver). Clearing a TRISA bit (= 0) will make the
corresponding PORTA pin an output (i.e., enables
output driver and puts the contents of the output latch
on the selected pin). The exception is RA3, which is
input only and its TRIS bit will always read as ‘1’.
Example 12-1 shows how to initialize PORTA.
Reading the PORTA register (Register 12-3) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then
written to the PORT data latch (LATA).
The TRISA register (Register 12-4) controls the
PORTA pin output drivers, even when they are being
used as analog inputs. The user should ensure the bits
in the TRISA register are maintained set when using
them as analog inputs. I/O pins configured as analog
input always read ‘0’.
The INLVLA register (Register 12-8) controls the input
voltage threshold for each of the available PORTA input
pins. A selection between the Schmitt Trigger CMOS or
the TTL Compatible thresholds is available. The input
threshold is important in determining the value of a
read of the PORTA register and also the level at which
an Interrupt-on-Change occurs, if that feature is
enabled. See Section 29.4 “DC Characteristics:
PIC16F/LF1824/1828-I/E” for more information on
threshold levels.
12.2.1
WEAK PULL-UPS
Each of the PORTA pins has an individually configurable
internal weak pull-up. Control bits WPUA<5:0> enable or
disable each pull-up (see Register 12-7). Each weak
pull-up is automatically turned off when the port pin is
configured as an output. All pull-ups are disabled on a
Power-on Reset by the WPUEN bit of the OPTION
register.
12.2.2
ANSELA REGISTER
The ANSELA register (Register 12-6) is used to
configure the Input mode of an I/O pin to analog.
Setting the appropriate ANSELA bit high will cause all
digital reads on the pin to be read as ‘0’ and allow
analog functions on the pin to operate correctly.
The state of the ANSELA bits has no affect on digital
output functions. A pin with TRIS clear and ANSEL set
will still operate as a digital output, but the Input mode
will be analog. This can cause unexpected behavior
when executing read-modify-write instructions on the
affected port.
EXAMPLE 12-1:
INITIALIZING PORTA
Note:
Changing the input threshold selection
should be performed while all peripheral
modules are disabled. Changing the
threshold level during the time a module is
active may inadvertently generate a tran-
sition associated with an input pin, regard-
less of the actual voltage level on that pin.
Note:
The ANSELA register must be initialized to
configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’.
BANKSEL PORTA
;
CLRF
PORTA
;Init PORTA
BANKSEL LATA
;Data Latch
CLRF
LATA
;
BANKSEL ANSELA
;
CLRF
ANSELA
;digital I/O
BANKSEL TRISA
;
MOVLW
B'00111000' ;Set RA<5:3> as inputs
MOVWF
TRISA
;and set RA<2:0> as
;outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com