Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20 Datasheet(PDF) 218 Page - Microchip Technology

Part # PIC18F23K20
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20 Datasheet(HTML) 218 Page - Microchip Technology

Back Button PIC18F23K20 Datasheet HTML 214Page - Microchip Technology PIC18F23K20 Datasheet HTML 215Page - Microchip Technology PIC18F23K20 Datasheet HTML 216Page - Microchip Technology PIC18F23K20 Datasheet HTML 217Page - Microchip Technology PIC18F23K20 Datasheet HTML 218Page - Microchip Technology PIC18F23K20 Datasheet HTML 219Page - Microchip Technology PIC18F23K20 Datasheet HTML 220Page - Microchip Technology PIC18F23K20 Datasheet HTML 221Page - Microchip Technology PIC18F23K20 Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 456 page
background image
PIC18F2XK20/4XK20
DS41303G-page 218
 2010 Microchip Technology Inc.
17.4.5
GENERAL CALL ADDRESS
SUPPORT
The addressing procedure for the I2C bus is such that
the
first
byte
after
the
Start
condition
usually
determines which device will be the slave addressed by
the master. The exception is the general call address
which can address all devices. When this address is
used, all devices should, in theory, respond with an
Acknowledge.
The general call address is one of eight addresses
reserved for specific purposes by the I2C protocol. It
consists of all ‘0’s with R/W = 0.
The general call address is recognized when the
GCEN bit of the SSPCON2 is set. Following a Start bit
detect, 8 bits are shifted into the SSPSR and the
address is compared against the SSPADD. It is also
compared to the general call address and fixed in hard-
ware.
If the general call address matches, the SSPSR is
transferred to the SSPBUF, the BF flag bit is set (eighth
bit) and on the falling edge of the ninth bit (ACK bit), the
SSPIF interrupt flag bit is set.
When the interrupt is serviced, the source for the
interrupt can be checked by reading the contents of the
SSPBUF. The value can be used to determine if the
address was device specific or a general call address.
In 10-bit mode, the SSPADD is required to be updated
for the second half of the address to match and the UA
bit of the SSPSTAT register is set. If the general call
address is sampled when the GCEN bit is set, while the
slave is configured in 10-bit Address mode, then the
second half of the address is not necessary, the UA bit
will not be set and the slave will begin receiving data
after the Acknowledge (Figure 17-15).
FIGURE 17-15:
SLAVE MODE GENERAL CALL ADDRESS SEQUENCE
(7 OR 10-BIT ADDRESS MODE)
SDA
SCL
S
SSPIF
BF (SSPSTAT<0>)
SSPOV (SSPCON1<6>)
Cleared by software
SSPBUF is read
R/W = 0
ACK
General Call Address
Address is compared to General Call Address
GCEN (SSPCON2<7>)
Receiving Data
ACK
12
3
4
5
6
7
8
9
1
2
3
4
5
67
8
9
D7
D6
D5
D4
D3
D2
D1
D0
after ACK, set interrupt
‘0’
‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com