Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F23K20
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F23K20 Datasheet HTML 1Page - Microchip Technology PIC18F23K20 Datasheet HTML 2Page - Microchip Technology PIC18F23K20 Datasheet HTML 3Page - Microchip Technology PIC18F23K20 Datasheet HTML 4Page - Microchip Technology PIC18F23K20 Datasheet HTML 5Page - Microchip Technology PIC18F23K20 Datasheet HTML 6Page - Microchip Technology PIC18F23K20 Datasheet HTML 7Page - Microchip Technology PIC18F23K20 Datasheet HTML 8Page - Microchip Technology PIC18F23K20 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 456 page
background image
 2010 Microchip Technology Inc.
DS41303G-page 3
PIC18F2XK20/4XK20
High-Performance RISC CPU:
• C Compiler Optimized Architecture:
- Optional extended instruction set designed to
optimize re-entrant code
• Up to 1024 bytes Data EEPROM
• Up to 64 Kbytes Linear Program Memory
Addressing
• Up to 3936 bytes Linear Data Memory Addressing
• Up to 16 MIPS Operation
• 16-bit Wide Instructions, 8-bit Wide Data Path
• Priority Levels for Interrupts
• 31-Level, Software Accessible Hardware Stack
• 8 x 8 Single-Cycle Hardware Multiplier
Flexible Oscillator Structure:
• Precision 16 MHz Internal Oscillator Block:
- Factory calibrated to ± 1%
- Software selectable frequencies range of
31 kHz to 16 MHz
- 64 MHz performance available using PLL –
no external components required
• Four Crystal modes up to 64 MHz
• Two External Clock modes up to 64 MHz
• 4X Phase Lock Loop (PLL)
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if peripheral clock
stops
- Two-Speed Oscillator Start-up
Special Microcontroller Features:
• Operating Voltage Range: 1.8V to 3.6V
• Self-Programmable under Software Control
• Programmable 16-Level High/Low-Voltage
Detection (HLVD) module:
- Interrupt on High/Low-Voltage Detection
• Programmable Brown-out Reset (BOR):
- With software enable option
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Single-Supply 3V In-Circuit Serial
Programming™ (ICSP™) via Two Pins
• In-Circuit Debug (ICD) via Two Pins
Extreme Low-Power Management
with nanoWatt XLP:
• Sleep mode: < 100 nA @ 1.8V
• Watchdog Timer: < 800 nA @ 1.8V
• Timer1 Oscillator: < 800 nA @ 32 kHz and 1.8V
Analog Features:
• Analog-to-Digital Converter (ADC) module:
- 10-bit resolution, 13 External Channels
- Auto-acquisition capability
- Conversion available during Sleep
- 1.2V Fixed Voltage Reference (FVR) channel
- Independent input multiplexing
• Analog Comparator module:
- Two rail-to-rail analog comparators
- Independent input multiplexing
• Voltage Reference (CVREF) module
- Programmable (% VDD), 16 steps
- Two 16-level voltage ranges using VREF pins
Peripheral Highlights:
• Up to 35 I/O Pins plus 1 Input-only Pin:
- High-Current Sink/Source 25 mA/25 mA
- Three programmable external interrupts
- Four programmable interrupt-on-change
- Eight programmable weak pull-ups
- Programmable slew rate
• Capture/Compare/PWM (CCP) module
• Enhanced CCP (ECCP) module:
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-Shutdown and Auto-Restart
• Master Synchronous Serial Port (MSSP) module
- 3-wire SPI (supports all 4 modes)
-I2C™ Master and Slave modes with address
mask
• Enhanced Universal Synchronous Asynchronous
Receiver Transmitter (EUSART) module:
- Supports RS-485, RS-232 and LIN
- RS-232 operation using internal oscillator
- Auto-Wake-up on Break
- Auto-Baud Detect
28/40/44-Pin Flash Microcontrollers
with nanoWatt XLP Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com