Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22 Datasheet(PDF) 144 Page - Microchip Technology

Part # PIC18F23K22
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 144 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 140Page - Microchip Technology PIC18F23K22 Datasheet HTML 141Page - Microchip Technology PIC18F23K22 Datasheet HTML 142Page - Microchip Technology PIC18F23K22 Datasheet HTML 143Page - Microchip Technology PIC18F23K22 Datasheet HTML 144Page - Microchip Technology PIC18F23K22 Datasheet HTML 145Page - Microchip Technology PIC18F23K22 Datasheet HTML 146Page - Microchip Technology PIC18F23K22 Datasheet HTML 147Page - Microchip Technology PIC18F23K22 Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 144
Preliminary
 2010 Microchip Technology Inc.
Pin Name
Function
TRIS
Setting
ANSEL
setting
Pin
Type
Buffer
Type
Description
RC5/SDO1/AN17
RC5
01
O
DIG
LATC<5> data output; not affected by analog input.
10
I
ST
PORTC<5> data input; disabled when analog input
enabled.
SDO1
01
O
DIG
MSSP1 SPI data output.
AN17
I
AN
Analog input 17.
RC6/P3A/CCP3/TX1/
CK1/AN18
RC6
01
O
DIG
LATC<6> data output; not affected by analog input.
10
I
ST
PORTC<6> data input; disabled when analog input
enabled.
P3A(2), (3)
01
O
CMOS Enhanced CCP3 PWM output 1.
CCP3(2), (3)
01
O
DIG
Compare 3 output/PWM 3 output.
10
I
ST
Capture 3 input.
TX1
01
O
DIG
EUSART 1 asynchronous transmit data output.
CK1
01
O
DIG
EUSART 1 synchronous serial clock output.
10
I
ST
EUSART 1 synchronous serial clock input.
AN18
11
I
AN
Analog input 18.
RC7/P3B/RX1/DT1/
AN19
RC7
01
O
DIG
LATC<7> data output; not affected by analog input.
10
I
ST
PORTC<7> data input; disabled when analog input
enabled.
P3B
01
O
CMOS Enhanced CCP3 PWM output 2.
RX1
10
I
ST
EUSART 1 asynchronous receive data in.
DT1
01
O
DIG
EUSART 1 synchronous serial data output.
10
I
ST
EUSART 1 synchronous serial data input.
AN19
11
I
AN
Analog input 19.
Legend:
AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS =
CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM
= Schmitt Trigger input with I2C.
Note 1:
Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are set.
2:
Alternate pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are clear.
3:
Function on PORTD and PORTE for PIC18(L)F4XK22 devices.
TABLE 10-8:
PORTC I/O SUMMARY (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com