Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22 Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC18F23K22
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 143Page - Microchip Technology PIC18F23K22 Datasheet HTML 144Page - Microchip Technology PIC18F23K22 Datasheet HTML 145Page - Microchip Technology PIC18F23K22 Datasheet HTML 146Page - Microchip Technology PIC18F23K22 Datasheet HTML 147Page - Microchip Technology PIC18F23K22 Datasheet HTML 148Page - Microchip Technology PIC18F23K22 Datasheet HTML 149Page - Microchip Technology PIC18F23K22 Datasheet HTML 150Page - Microchip Technology PIC18F23K22 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 147
PIC18(L)F2X/4XK22
TABLE 10-11: PORTD I/O SUMMARY
Pin Name
Function
TRIS
Setting
ANSEL
setting
Pin
Type
Buffer
Type
Description
RD0/SCK2/SCL2/AN20
RD0
01
O
DIG
LATD<0> data output; not affected by analog input.
10
I
ST
PORTD<0> data input; disabled when analog input
enabled.
SCK2
01
O
DIG
MSSP2 SPI Clock output.
10
I
ST
MSSP2 SPI Clock input.
SCL2
01
ODIG
MSSP2 I2C™ Clock output.
10
II2C
MSSP2 I2C™ Clock input.
AN20
11
I
AN
Analog input 20.
RD1/CCP4/SDI2/SDA2/
AN21
RD1
01
O
DIG
LATD<1> data output; not affected by analog input.
10
I
ST
PORTD<1> data input; disabled when analog input
enabled.
CCP4
01
O
DIG
Compare 4 output/PWM 4 output.
10
I
ST
Capture 4 input.
SDI2
10
I
ST
MSSP2 SPI data input.
SDA2
00
ODIG
MSSP2 I2C™ data output.
10
II2C
MSSP2 I2C™ data input.
AN21
11
I
AN
Analog input 21.
RD2/P2B/AN22
RD2
01
O
DIG
LATD<2> data output; not affected by analog input.
10
I
ST
PORTD<2> data input; disabled when analog input
enabled.
P2B(1)
01
O
DIG
Enhanced CCP2 PWM output 2.
AN22
11
I
AN
Analog input 22.
RD3/P2C/SS2/AN23
RD3
01
O
DIG
LATD<3> data output; not affected by analog input.
10
I
ST
PORTD<3> data input; disabled when analog input
enabled.
P2C
01
O
DIG
Enhanced CCP2 PWM output 4.
SS2
10
I
TTL
MSSP2 SPI slave select input.
AN23
11
I
AN
Analog input 23.
RD4/P2D/SDO2/AN24
RD4
01
O
DIG
LATD<4> data output; not affected by analog input.
10
I
ST
PORTD<4> data input; disabled when analog input
enabled.
P2D
01
O
DIG
Enhanced CCP2 PWM output 3.
SDO2
01
O
DIG
MSSP2 SPI data output.
AN24
11
I
AN
Analog input 24.
RD5/P1B/AN25
RD5
01
O
DIG
LATD<5> data output; not affected by analog input.
10
I
ST
PORTD<5> data input; disabled when analog input
enabled.
P1B
01
O
DIG
Enhanced CCP1 PWM output 2.
AN25
I
AN
Analog input 25.
Legend:
AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS
= CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM
= Schmitt Trigger input with I2C.
Note 1:
Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com