Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F722AT-I/SS Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F722AT-I/SS
Description  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722AT-I/SS Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F722AT-I/SS Datasheet HTML 7Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 8Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 9Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 10Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 11Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 12Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 13Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 14Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 284 page
background image
 2010 Microchip Technology Inc.
DS41417A-page 11
PIC16F/LF722A/723A
TABLE 1-1:
PIC16F722A/723A PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/SS/VCAP
RA0
TTL
CMOS General purpose I/O.
AN0
AN
—
A/D Channel 0 input.
SS
ST
—
Slave Select input.
VCAP
Power
Power Filter capacitor for Voltage Regulator (PIC16F722A/723A only).
RA1/AN1
RA1
TTL
CMOS General purpose I/O.
AN1
AN
—
A/D Channel 1 input.
RA2/AN2
RA2
TTL
CMOS General purpose I/O.
AN2
AN
—
A/D Channel 2 input.
RA3/AN3/VREF
RA3
TTL
CMOS General purpose I/O.
AN3
AN
—
A/D Channel 3 input.
VREF
AN
—
A/D Voltage Reference input.
RA4/CPS6/T0CKI
RA4
TTL
CMOS General purpose I/O.
CPS6
AN
—
Capacitive sensing input 6.
T0CKI
ST
—
Timer0 clock input.
RA5/AN4/CPS7/SS/VCAP
RA5
TTL
CMOS General purpose I/O.
AN4
AN
—
A/D Channel 4 input.
CPS7
AN
—
Capacitive sensing input 7.
SS
ST
—
Slave Select input.
VCAP
Power
Power Filter capacitor for Voltage Regulator (PIC16F722A/723A only).
RA6/OSC2/CLKOUT/VCAP
RA6
TTL
CMOS General purpose I/O.
OSC2
—
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKOUT
—
CMOS FOSC/4 output.
VCAP
Power
Power Filter capacitor for Voltage Regulator (PIC16F722A/723A only).
RA7/OSC1/CLKIN
RA7
TTL
CMOS General purpose I/O.
OSC1
XTAL
—
Crystal/Resonator (LP, XT, HS modes).
CLKIN
CMOS
—
External clock input (EC mode).
CLKIN
ST
—
RC oscillator connection (RC mode).
RB0/AN12/CPS0/INT
RB0
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN12
AN
—
A/D Channel 12 input.
CPS0
AN
—
Capacitive sensing input 0.
INT
ST
—
External interrupt.
RB1/AN10/CPS1
RB1
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN10
AN
—
A/D Channel 10 input.
CPS1
AN
—
Capacitive sensing input 1.
RB2/AN8/CPS2
RB2
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN8
AN
—
A/D Channel 8 input.
CPS2
AN
—
Capacitive sensing input 2.
RB3/AN9/CPS3/CCP2
RB3
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN9
AN
—
A/D Channel 9 input.
CPS3
AN
—
Capacitive sensing input 3.
CCP2
ST
CMOS Capture/Compare/PWM2.
Legend: AN = Analog input or output CMOS = CMOS compatible input or output
OD = Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™= Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com