Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F722AT-E/SS Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC16F722AT-E/SS
Description  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722AT-E/SS Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC16F722AT-E/SS Datasheet HTML 70Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 71Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 72Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 73Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 74Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 75Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 76Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 77Page - Microchip Technology PIC16F722AT-E/SS Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 284 page
background image
PIC16F/LF722A/723A
DS41417A-page 74
 2010 Microchip Technology Inc.
6.5
PORTE and TRISE Registers
PORTE(1) is an 1-bit wide, input only port. RE3 is input
only and its TRIS bit will always read as ‘1’.
Reading the PORTE register (Register 6-12) reads the
status of the pins. RE3 reads ‘0’ when MCLRE = 1.
TABLE 6-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
REGISTER 6-12:
PORTE: PORTE REGISTER
U-0
U-0
U-0
U-0
R-x
U-0
U-0
U-0
—
—
—
—
RE3
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3
RE3: PORTE I/O Pin bits(1)
1 = Port pin is > VIH
0 = Port pin is < VIL
bit 2-0
Unimplemented: Read as ‘0’
REGISTER 6-13:
TRISE: PORTE TRI-STATE REGISTER
U-0
U-0
U-0
U-0
R-1
U-0
U-0
U-0
—
—
—
—
TRISE3
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3
TRISE3: RE3 Port Tri-state Control bit
This bit is always ‘1’ as RE3 is an input only
bit 2-0
Unimplemented: Read as ‘0’
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTE
————
RE3
—
—
—
---- x---
---- x---
TRISE
—
—
—
—TRISE3(1)
—
—
—
---- 1---
---- 1---
Legend:
x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTE
Note 1: This bit is always ‘1’ as RE3 is input only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com